Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2CY81W Datasheet(PDF) 1 Page - SunLED Corporation

Part # LM2CY81W
Description  8mm ROUND LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LM2CY81W Datasheet(HTML) 1 Page - SunLED Corporation

  LM2CY81W Datasheet HTML 1Page - SunLED Corporation LM2CY81W Datasheet HTML 2Page - SunLED Corporation LM2CY81W Datasheet HTML 3Page - SunLED Corporation LM2CY81W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 24,2008
Drawing No : SDSA6540
V1
Checked : B.L.LIU
P.1/4
Part Number:
LM2CY81W
8mm ROUND LED LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LM2CY81W
Yellow
AlInGaP
Water Clear
2800
4490
590
15°
PRELIMINARY SPEC
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
8mm DIAMETER BIG LAMP.
WIDE VIEWING ANGLE.
I.C.COMPATIBLE.
RELIABLE AND RUGGED.
LONG LIFE-SOLID STATE RELIABILITY.
RoHS COMPLIANT.
Absolute maximum ratings
(TA=25°C)
M2CY
(AlInGaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
84
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
M2CY
(AlInGaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.3
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.8
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
590
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
589
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)


Similar Part No. - LM2CY81W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LM2CY01W SUNLED-LM2CY01W Datasheet
182Kb / 4P
10mm SOLID STATE LAMP
LM2CY08W SUNLED-LM2CY08W Datasheet
186Kb / 4P
OVAL LED LAMP
LM2CY11W SUNLED-LM2CY11W Datasheet
183Kb / 4P
T-1 (3mm) SOLID STATE LAMP
LM2CY12W SUNLED-LM2CY12W Datasheet
179Kb / 4P
T-1 3/4 (5mm) SOLID STATE LAMP
LM2CY14W SUNLED-LM2CY14W Datasheet
172Kb / 4P
T-1 3/4 (5mm) ROUND LED LAMP
More results

Similar Description - LM2CY81W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-793ID KINGBRIGHT-L-793ID Datasheet
61Kb / 3P
8mm ROUND LED LAMP
WP793GD KINGBRIGHT-WP793GD Datasheet
260Kb / 6P
8mm ROUND LED LAMP
WP793SRC-E KINGBRIGHT-WP793SRC-E Datasheet
261Kb / 6P
8mm ROUND LED LAMP
WP793SRD-G KINGBRIGHT-WP793SRD-G Datasheet
261Kb / 6P
8mm ROUND LED LAMP
WP793SRD-H KINGBRIGHT-WP793SRD-H Datasheet
261Kb / 6P
8mm ROUND LED LAMP
logo
SunLED Corporation
LM2BG81W SUNLED-LM2BG81W Datasheet
180Kb / 4P
8mm ROUND LED LAMP
logo
Kingbright Corporation
WP793SRC-D KINGBRIGHT-WP793SRC-D_15 Datasheet
316Kb / 6P
8mm ROUND LED LAMP
WP793SRD-D KINGBRIGHT-WP793SRD-D_15 Datasheet
316Kb / 6P
8mm ROUND LED LAMP
WP793SRD-E KINGBRIGHT-WP793SRD-E_15 Datasheet
316Kb / 6P
8mm ROUND LED LAMP
WP793SRC-J4 KINGBRIGHT-WP793SRC-J4 Datasheet
338Kb / 5P
8mm Round LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com