Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL084ID Datasheet(PDF) 7 Page - STMicroelectronics

Part # TL084ID
Description  General purpose JFET quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL084ID Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TL084ID Datasheet HTML 3Page - STMicroelectronics TL084ID Datasheet HTML 4Page - STMicroelectronics TL084ID Datasheet HTML 5Page - STMicroelectronics TL084ID Datasheet HTML 6Page - STMicroelectronics TL084ID Datasheet HTML 7Page - STMicroelectronics TL084ID Datasheet HTML 8Page - STMicroelectronics TL084ID Datasheet HTML 9Page - STMicroelectronics TL084ID Datasheet HTML 10Page - STMicroelectronics TL084ID Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TL084
Electrical characteristics
7/16
Figure 8.
Input bias current versus free air
temperature
Figure 9.
Large signal differential voltage
amplification versus free air
temperature
100
10
1
0.1
0.01
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
V
CC =
15V
1000
400
200
100
20
40
10
4
2
1
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
R
L
= 2k
Ω
V
O =
10V
V
CC
=
15V
Figure 10.
Large signal differential voltage
amplification and phase shift
versus frequency
Figure 11.
Total power dissipation versus free
air temperature
FREQUENCY (Hz)
100
10
100
1K
10K
100K
10M
1M
1
DIFFERENTIAL
VOLTAGE
AMPLIFICATION
(left scale)
180
90
0
R = 2kW
C = 100pF
V
= 15V
T
= +125°C
L
L
CC
amb
PHASE SHIFT
(right scale)
250
225
200
175
150
125
100
75
50
25
0
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
V
CC =
15V
No signal
No load
Figure 12.
Supply current per amplifier versus
free air temperature
Figure 13.
Supply current per amplifier versus
supply voltage
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-75
-50
-25
0
25
50
75
100
125
TEMPERATURE (˚C)
V
CC =
15V
No signal
No load
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
24
6
8
10
12
14
16
No signal
No load
= +25˚C
T
amb
SUPPLY VOLTAGE (
V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com