Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL084AIP Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL084AIP
Description  General purpose JFET quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL084AIP Datasheet(HTML) 1 Page - STMicroelectronics

  TL084AIP Datasheet HTML 1Page - STMicroelectronics TL084AIP Datasheet HTML 2Page - STMicroelectronics TL084AIP Datasheet HTML 3Page - STMicroelectronics TL084AIP Datasheet HTML 4Page - STMicroelectronics TL084AIP Datasheet HTML 5Page - STMicroelectronics TL084AIP Datasheet HTML 6Page - STMicroelectronics TL084AIP Datasheet HTML 7Page - STMicroelectronics TL084AIP Datasheet HTML 8Page - STMicroelectronics TL084AIP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2007
Rev 2
1/16
16
TL084
General purpose JFET quad operational amplifier
Features
■ Wide common-mode (up to VCC
+) and
differential voltage range
■ Low input bias and offset current
■ Output short-circuit protection
■ High input impedance JFET input stage
■ Internal frequency compensation
■ Latch up free operation
■ High slew rate: 16V/µs (typ)
Description
The TL084, TL084A and TL084B are high-speed
JFET input quad operational amplifiers
incorporating well matched, high voltage JFET
and bipolar transistors in a monolithic integrated
circuit.
The devices feature high slew rates, low input
bias and offset currents, and low offset voltage
temperature coefficient.
D
TSSOP-14
(Thin shrink small outline package)
N
DIP14
(Plastic package)
D
SO-14
(Plastic micropackage)
Pin connections
(Top view)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
www.st.com


Similar Part No. - TL084AIP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL084AIP STMICROELECTRONICS-TL084AIP Datasheet
113Kb / 11P
GENERAL PURPOSEJ-FET QUAD OPERATIONAL AMPLIFIERS
Jan-1999
More results

Similar Description - TL084AIP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KF347 FAIRCHILD-KF347 Datasheet
36Kb / 6P
Quad Operational Amplifier (JFET)
LF347 FAIRCHILD-LF347 Datasheet
42Kb / 6P
Quad Operational Amplifier (JFET)
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM2324 SGMICRO-SGM2324 Datasheet
409Kb / 13P
1MHz, Quad, General Purpose CMOS Operational Amplifier
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064_07 Datasheet
248Kb / 14P
Low power JFET quad operational amplifier
25-Jul-2007
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
Low noise JFET quad operational amplifier
07-Jul-2008
TL081 STMICROELECTRONICS-TL081_08 Datasheet
338Kb / 15P
General purpose JFET single operational amplifiers
27-Jun-2008
TL082 STMICROELECTRONICS-TL082_08 Datasheet
337Kb / 17P
General purpose JFET dual operational amplifiers
17-Jun-2008
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
Low-noise JFET quad operational amplifier
22-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com