Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS512 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS512
Description  Precision dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512 Datasheet(HTML) 3 Page - STMicroelectronics

  TS512 Datasheet HTML 1Page - STMicroelectronics TS512 Datasheet HTML 2Page - STMicroelectronics TS512 Datasheet HTML 3Page - STMicroelectronics TS512 Datasheet HTML 4Page - STMicroelectronics TS512 Datasheet HTML 5Page - STMicroelectronics TS512 Datasheet HTML 6Page - STMicroelectronics TS512 Datasheet HTML 7Page - STMicroelectronics TS512 Datasheet HTML 8Page - STMicroelectronics TS512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TS512
Schematic diagram
3/16
2
Schematic diagram
Figure 1.
Schematic diagram (1/2 TS512)
R1
2k
Ω
R16
4k
Ω
R2
2k
Ω
R5
4k
Ω
Q25
Q11
Q2
Q3
R6
4k
Ω
Q12
Q13
R11
1k
Ω
Q14
Q35
R18
2k
Ω
R12
812
Ω
VCC
VCC
Q29
Q27
Q21
Q37
Q38
Q28
Q30
Q22
Q36
Q17
R17
4k
Ω
R14
27
Ω
R13
27
Ω
Output
Q20
Q19
Q23
Q34
Q33
R10
45k
Ω
R9
15k
Ω
R8
150k
Ω
R7
15k
Ω
Q18
C1
43pF
C2
23pF
Non-inverting
Input
Inverting
Input
Q15
Q32
Q31
Q10
Q9
R4
1.2k
Ω
R3
60k
Ω
R15
150k
Ω
Q8
Q4
Q6
Q7
Q5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com