Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS512IN Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS512IN
Description  Precision dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512IN Datasheet(HTML) 2 Page - STMicroelectronics

  TS512IN Datasheet HTML 1Page - STMicroelectronics TS512IN Datasheet HTML 2Page - STMicroelectronics TS512IN Datasheet HTML 3Page - STMicroelectronics TS512IN Datasheet HTML 4Page - STMicroelectronics TS512IN Datasheet HTML 5Page - STMicroelectronics TS512IN Datasheet HTML 6Page - STMicroelectronics TS512IN Datasheet HTML 7Page - STMicroelectronics TS512IN Datasheet HTML 8Page - STMicroelectronics TS512IN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute maximum ratings and operating conditions
TS512
2/16
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18
V
Vin
Input voltage
±VCC
Vid
Differential input voltage
±(VCC - 1)
Rthja
Thermal resistance junction to ambient (1)
DIP8
SO-8
1.
Short-circuits can cause excessive heating and destructive dissipation.Rth are typical values.
85
125
°C/W
Rthjc
Thermal resistance junction to case (1)
DIP8
SO-8
41
40
°C/W
Tj
Junction temperature
+ 150
°C
Tstg
Storage temperature range
-65 to +150
°C
ESD
HBM: human body model(2)
2.
Human body model: A 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2kV
MM: machine model(3)
3.
Machine model: A 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
CDM: charged device model(4)
4.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1.5
kV
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
Value with respect to VDD pin.
6 to 30V
V
Vicm
Common mode input voltage range
VDD+1.5 to VCC-1.5
V
Toper
Operating free air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com