Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS512IYD Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS512IYD
Description  Precision dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512IYD Datasheet(HTML) 4 Page - STMicroelectronics

  TS512IYD Datasheet HTML 1Page - STMicroelectronics TS512IYD Datasheet HTML 2Page - STMicroelectronics TS512IYD Datasheet HTML 3Page - STMicroelectronics TS512IYD Datasheet HTML 4Page - STMicroelectronics TS512IYD Datasheet HTML 5Page - STMicroelectronics TS512IYD Datasheet HTML 6Page - STMicroelectronics TS512IYD Datasheet HTML 7Page - STMicroelectronics TS512IYD Datasheet HTML 8Page - STMicroelectronics TS512IYD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
TS512
4/16
3
Electrical characteristics
Table 3.
VCC = ±15V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current (per operator)
Tmin ≤ Tamb ≤T max
0.5
0.6
0.75
mA
Iib
Input bias current
Tmin ≤ Tamb ≤T max
50
150
300
nA
Rin
Input resistance, f = 1kHz
1
M
Ω
Vio
Input offset voltage
TS512
TS512A
Tmin ≤ Tamb ≤ Tmax
TS512
TS512A
0.5
2.5
0.5
3.5
1.5
mV
ΔVio
Input offset voltage drift
Tmin ≤ Tamb ≤ Tmax
2µV/°C
Iio
Input offset current
Tmin ≤ Tamb ≤ Tmax
520
40
nA
ΔIio
Input offset current drift
Tmin ≤ Tamb ≤ Tmax
0.08
Ios
Output short-circuit current
23
mA
Avd
Large signal voltage gain
RL = 2kΩ, VCC = ±15V, Tmin ≤ Tamb ≤T max
VCC = ± 4V
90
100
95
dB
GBP
Gain-bandwidth product, f = 100kHz
1.8
3
MHz
en
Equivalent input noise voltage, f = 1kHz
Rs = 50
Ω
Rs = 1k
Ω
Rs = 10k
Ω
8
10
18
THD
Total harmonic distortion
Av = 20dB, RL = 2kΩ
Vo = 2Vpp, f = 1kHz
0.03
%
±Vopp
Output voltage swing
RL = 2kΩ, VCC = ±15V, Tmin ≤ Tamb ≤T max
VCC = ± 4V
±13
±3
V
Vopp
Large signal voltage swing
RL = 10kΩ, f = 10kHz
28
Vpp
SR
Slew rate
Unity gain, RL = 2kΩ
0.8
1.5
V/µs
CMR
Common mode rejection ratio
Vic = ±10V
90
dB
nA
° C
--------
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com