Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1321 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NJW1321
Description  WIDE BAND VIDEO SWITCH WITH I2C BUS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJW1321 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NJW1321 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 8Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 9Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 10Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 11Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NJW1321
- 10 -
s
s
s
sTEST CIRCUIT
+
+
10kΩ
10uF
+
0.1uF
50Ω/75Ω
1uF
0.1uF
+
100uF
+
0.1uF
1uF
+
+
+
+
+
+
+
10uF + 0.1uF
10kΩ
Pr IN4
Pr IN3
1uF
+
0.1uF
Pb IN2
Pr IN2
Y IN1
Pb IN1
Pr IN1
PORT2
PORT0
PORT3
SDA
ADR
SCL
AUX0
AUX1
Y OUT2
Y OUT1
Pr OUT1
Pr OUT2
Pb OUT1
Y IN4
V+
NJW1320
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
15
16
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
9
10
11
12
13
14
Y IN3
+
8
+
PORT1
Pb OUT2
AUX2
AUX3
1uF +
1uF +
Pb IN4
+
Pb IN3
+
Y IN2
NJW1321
50Ω/75Ω
0.1uF
1uF
50Ω/75Ω
0.1uF
1uF
50Ω/75Ω
0.1uF
1uF
50Ω/75Ω
0.1uF
1uF
1uF
0.1uF
1uF
0.1uF
50Ω/75Ω
50Ω/75Ω
50Ω/75Ω
50Ω/75Ω
50Ω/75Ω
1uF
0.1uF
1uF
0.1uF
10kΩ
10uF
0.1uF
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10uF
0.1uF
10uF
0.1uF
10uF
0.1uF
0.1uF
0.1uF
50Ω/75Ω
50Ω/75Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com