Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC1502 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 46Page - STMicroelectronics STLC1502 Datasheet HTML 47Page - STMicroelectronics STLC1502 Datasheet HTML 48Page - STMicroelectronics STLC1502 Datasheet HTML 49Page - STMicroelectronics STLC1502 Datasheet HTML 50Page - STMicroelectronics STLC1502 Datasheet HTML 51Page - STMicroelectronics STLC1502 Datasheet HTML 52Page - STMicroelectronics STLC1502 Datasheet HTML 53Page - STMicroelectronics STLC1502 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
STLC1502
50/81
Parity may be odd or even, depending on the ParityOdd bit in the ASCControl register. An even parity bit
will be set, if the modulo-2-sum of the eight data bits is 1. An odd parity bit will be cleared in this case.
The parity error flag (ParityError) will be set if a wrong parity bit is received. The parity bit itself will be
stored in bit 8 of the ASCRx-Buffer register.
In wake-up mode, received frames are only transferred to the receive buffer register if the ninth bit (the
wake-up bit) is 1. If this bit is 0, no receive interrupt request will be activated and no data will be trans-
ferred. This feature may be used to control communication in multi-processor systems. When the master
processor wants to transmit a block of data to one of several slaves, it first sends out an address byte
which identifies the target slave. An address byte differs from a data byte in that the additional ninth bit is
a 1 for an address byte and a 0 for a data byte, so no slave will be interrupted by a data byte. An address
byte will interrupt all slaves (operating in 8-bit data + wake-up bit mode), so each slave can examine the
8 least significant bits (LSBs) of the received character (the address). The addressed slave will switch to
9-bit data mode, which enables it to receive the data bytes that will be coming (with the wake-up bit
cleared). The slaves that are not being addressed remain in 8-bit data + wake-up bit mode, ignoring the
following data bytes.
9-bit data frame
7.7.2 Baud rate generation
The UART has its own dedicated 16-bit baud rate generator with 16-bit reload capability.
The baud rate generator is clocked with the CPU clock. The timer counts downwards and can be started
or stopped by the Run bit in the ASCControl register. Each under-flow of the timer provides one clock
pulse. The timer is reloaded with the value stored in its 16-bit reload register each time it underflows. The
ASCBaudRate register is the dual-function baud rate generator/reload register. A read from this register
returns the content of the timer; writing to it updates the reload register. An auto-reload of the timer with
the content of the reload register is performed each time the ASCBaudRate register is written to. How-
ever, if the Run bit is 0 at the time the write operation to the ASCBaudRate register is performed, the
timer will not be reloaded until the first CPU clock cycle after the Run bit is 1.
The baud rate generator provides a clock at 16 times the baud rate. The baud rate and the required
reload value for a given baud rate can be determined by the following formula:
Baudrate = fCPU/(16 *ASCBaudRate)
7.7.3 The timeout interrupt
A timeout counter register provides timeout interrupt on the receive path.
Whenever the rxfifo has got something in it, the timeout counter will decrement until something happens
Start
bit
D0
D1
D2
D3
D4
D5
D6
1st
bit
stop
bit
9th
bit
stop
2nd
- Data bit (D7)
- Parity bit
D7
(LSB)
- Wake up bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com