Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS912IDT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS912IDT
Description  Rail-to-rail CMOS dual operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912IDT Datasheet(HTML) 2 Page - STMicroelectronics

  TS912IDT Datasheet HTML 1Page - STMicroelectronics TS912IDT Datasheet HTML 2Page - STMicroelectronics TS912IDT Datasheet HTML 3Page - STMicroelectronics TS912IDT Datasheet HTML 4Page - STMicroelectronics TS912IDT Datasheet HTML 5Page - STMicroelectronics TS912IDT Datasheet HTML 6Page - STMicroelectronics TS912IDT Datasheet HTML 7Page - STMicroelectronics TS912IDT Datasheet HTML 8Page - STMicroelectronics TS912IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute maximum ratings and operating conditions
TS912
2/18
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
18
V
Vid
Differential input voltage (2)
±18
V
Vi
Input voltage (3)
-0.3 to 18
V
Iin
Current on inputs
±50
mA
Io
Current on outputs
±130
mA
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (4)
DIP8
SO-8
85
125
°C/W
Rthjc
Thermal resistance junction to case (4)
DIP8
SO-8
41
40
°C/W
ESD
HBM: human body model(5)
3kV
MM: machine model(6)
200
V
CDM: charged device model(7)
1500
V
1.
All voltage values, except differential voltage are with respect to network ground terminal.
2.
Differential voltages are non-inverting input terminal with respect to the inverting input terminal.
3.
The magnitude of input and output voltages must never exceed VCC
+ +0.3V.
4.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-circuits on all
amplifiers. These values are typical.
5.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a 1.5k
Ω resistor
between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating.
6.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between two pins of the
device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of connected pin combinations
while the other pins are floating.
7.
Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly
to the ground through only one pin. This is done for all pins.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 16
V
Vicm
Common mode input voltage range
VCC
--0.2 to V
CC
++0.2
V
Toper
Operating free air temperature range
-40 to + 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com