Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1871ID Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS1871ID
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1871ID Datasheet(HTML) 4 Page - STMicroelectronics

  TS1871ID Datasheet HTML 1Page - STMicroelectronics TS1871ID Datasheet HTML 2Page - STMicroelectronics TS1871ID Datasheet HTML 3Page - STMicroelectronics TS1871ID Datasheet HTML 4Page - STMicroelectronics TS1871ID Datasheet HTML 5Page - STMicroelectronics TS1871ID Datasheet HTML 6Page - STMicroelectronics TS1871ID Datasheet HTML 7Page - STMicroelectronics TS1871ID Datasheet HTML 8Page - STMicroelectronics TS1871ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Absolute maximum ratings and operating conditions
TS1871-TS1872-TS1874
4/26
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.8 to 6
V
Vicm
Common mode input voltage range
Toper = 25°C, 1.8 VCC 6V
Tmin < Toper < Tmax, 1.8 VCC 6V
VDD - 0.2 to VCC + 0.2
VDD to VCC
V
Toper
Operating free air temperature range
-40 to + 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com