Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH70 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSH70
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH70 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSH70 Datasheet HTML 9Page - STMicroelectronics TSH70 Datasheet HTML 10Page - STMicroelectronics TSH70 Datasheet HTML 11Page - STMicroelectronics TSH70 Datasheet HTML 12Page - STMicroelectronics TSH70 Datasheet HTML 13Page - STMicroelectronics TSH70 Datasheet HTML 14Page - STMicroelectronics TSH70 Datasheet HTML 15Page - STMicroelectronics TSH70 Datasheet HTML 16Page - STMicroelectronics TSH70 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TSH70,71,72,73,74,75
Electrical Characteristics
13/33
Figure 8.
Small signal measurement - rise
time (Gain = 2, VCC = ±1.5V,
ZL = 150Ω)
Figure 9.
Small signal measurement - fall time
(Gain = 2, VCC = ±1.5V, ZL = 150Ω)
Figure 10. Channel separation (Xtalk) vs.
frequency (measurement
configuration: Xtalk = 20log (V0/V1))
Figure 11. Channel separation (Xtalk) vs.
frequency (Gain = +11, VCC = 1.5V,
ZL = 150Ω//27pF)
Figure 12. Equivalent noise voltage
(Gain = 100, VCC = ±1.5V, No load)
Figure 13. Maximum output swing
(Gain = 11, VCC = ±5V, RL = 150Ω)
0
102030
4050
60
Time (ns)
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
Vin
Vout
0
10
2030405060
Time (ns)
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
Vin
Vout
100
Ω 1kΩ
100
Ω 1kΩ
+
-
49.9
VO
150
+
-
49.9
V1
150
VIN
+
-
1E+4
1E+5
1E+6
1E+7
Frequency (Hz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
3/1output
4/1output
2/1output
0.1
1
10
100
1000
Frequency (kHz)
5
10
15
20
25
30
_
+
100
10k
0.0E+0
5.0E-2
1.0E-1
1.5E-1
2.0E-1
Time (ms)
-5
-4
-3
-2
-1
0
1
2
3
4
5
Vout
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com