Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH81 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSH81
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH81 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSH81 Datasheet HTML 3Page - STMicroelectronics TSH81 Datasheet HTML 4Page - STMicroelectronics TSH81 Datasheet HTML 5Page - STMicroelectronics TSH81 Datasheet HTML 6Page - STMicroelectronics TSH81 Datasheet HTML 7Page - STMicroelectronics TSH81 Datasheet HTML 8Page - STMicroelectronics TSH81 Datasheet HTML 9Page - STMicroelectronics TSH81 Datasheet HTML 10Page - STMicroelectronics TSH81 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TSH80-TSH81-TSH82
Electrical characteristics
7/24
GBP
Gain bandwidth product
F=10MHz
AVCL= +11
AVCL= -10
65
55
MHz
Bw
Bandwidth @-3dB
AVCL= +1
RL=150Ω // 30pF to GND
100
MHz
SR
Slew rate
AVCL=+2
RL=150Ω // CL to GND
CL = 5pF
CL = 30pF
68
117
118
V/
μs
φm
Phase margin
RL= 150Ω connected to GND
40
°
(degree)
en
Equivalent input noise voltage
F= 100kHz
11
nV/
√Hz
THD
Total harmonic distortion
AVCL= +2, F=4 MHz
RL=150Ω // 30pF to GND
Vout= 1Vpp
Vout= 2Vpp
-61
-54
dB
IM2
Second order intermodulation
product
AVCL= +2, Vout= 2Vpp
RL= 150Ω to GND
Fin1= 180kHz, Fin2= 280kHz
spurious measurement
@100kHz
-76
dBc
IM3
Third order intermodulation
product
AVCL= +2, Vout= 2Vpp
RL=150Ω to GND
Fin1= 180kHz, Fin2= 280kHz
spurious measurement
@400kHz
-68
dBc
ΔG
Differential gain
AVCL=+2, RL=150Ω to GND
F= 4.5MHz, Vout= 2Vpp
0.5
%
Df
Differential phase
AVCL= +2, RL= 150Ω to GND
F= 4.5MHz, Vout= 2Vpp
0.5
°
(degree)
Gf
Gain flatness
F=DC to 6MHz, AVCL=+2
0.2
dB
Vo1/Vo2
Channel separation
F=1MHz to 10MHz
65
dB
Table 4.
VCC
+ = +5V, V
CC
- = -5V, V
ic = GND, Tamb = 25
°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com