Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH94 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSH94
Description  High speed low power quad operational amplifier with standby position
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH94 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSH94 Datasheet HTML 11Page - STMicroelectronics TSH94 Datasheet HTML 12Page - STMicroelectronics TSH94 Datasheet HTML 13Page - STMicroelectronics TSH94 Datasheet HTML 14Page - STMicroelectronics TSH94 Datasheet HTML 15Page - STMicroelectronics TSH94 Datasheet HTML 16Page - STMicroelectronics TSH94 Datasheet HTML 17Page - STMicroelectronics TSH94 Datasheet HTML 18Page - STMicroelectronics TSH94 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TSH94
Package information
17/19
Figure 21.
SO-16 package mechanical drawing (16-pin plastic micropackage)
Table 7.
SO-16 package mechanical data
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.75
0.069
a1
0.25
0.01
a2
1.25
0.049
b
0.31
0.51
0.012
0.02
b1
0.17
0.25
0.007
0.010
C0.5
0.020
c1
45° (typ.)
D
9.8
10
0.386
0.394
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.150
0.157
G
4.6
5.3
0.181
0.209
L
0.4
1.27
0.016
0.050
M0.62
0.024
S
8° (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com