Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F128P30B85 Datasheet(PDF) 71 Page - Numonyx B.V

Part # JS28F128P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P30B85 Datasheet(HTML) 71 Page - Numonyx B.V

Back Button JS28F128P30B85 Datasheet HTML 67Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 68Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 69Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 70Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 71Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 72Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 73Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 74Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 75Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
71
P30
14.3
CFI Query
The CFI Query command instructs the device to output Common Flash Interface (CFI)
data when read. See Section 9.2, “Device Commands” on page 45 for details on issuing
the CFI Query command. Appendix C, “Common Flash Interface” on page 87 shows CFI
information and address offsets within the CFI database.
Lock Register 1
0x89
PR-LK1
128-bit User-Programmable Protection Registers
0x8A–0x109
Protection Register Data
Notes:
1.
BBA = Block Base Address.
Table 34: Device ID codes
ID Code Type
Device Density
Device Identifier Codes
–T
(Top Parameter)
–B
(Bottom Parameter)
Device Code
64-Mbit
8817
881A
128-Mbit
8818
881B
256-Mbit
8919
891C
Note:
The 512-Mbit devices do not have a Device ID associated with them. Each die within the stack can be identified by
either of the 256-Mbit Device ID codes depending on its parameter option.
Table 33: Device Identifier Information (Sheet 2 of 2)
Item
Address(1)
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com