Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F256P30B95 Datasheet(PDF) 25 Page - Numonyx B.V

Part # JS28F256P30B95
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P30B95 Datasheet(HTML) 25 Page - Numonyx B.V

Back Button JS28F256P30B95 Datasheet HTML 21Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 22Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 23Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 24Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 25Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 26Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 27Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 28Page - Numonyx B.V JS28F256P30B95 Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
25
P30
5.0
Maximum Ratings and Operating Conditions
5.1
Absolute Maximum Ratings
Warning:
Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent
damage. These are stress ratings only.
5.2
Operating Conditions
Note:
Operation beyond the “Operating Conditions” is not recommended and extended exposure
beyond the “Operating Conditions” may affect device reliability.
Table 10:
Parameter
Maximum Rating
Notes
Temperature under bias
–40 °C to +85 °C
Storage temperature
–65 °C to +125 °C
Voltage on any signal (except VCC, VPP and VCCQ)
–0.5 V to +4.1 V
1
VPP voltage
–0.2 V to +10 V
1,2,3
VCC voltage
–0.2 V to +2.5 V
1
VCCQ voltage
–0.2 V to +4.1 V
1
Output short circuit current
100 mA
4
Notes:
1.
Voltages shown are specified with respect to VSS. Minimum DC voltage is –0.5 V on input/output signals and –0.2 V on
VCC, VCCQ, and VPP. During transitions, this level may undershoot to –2.0 V for periods less than 20 ns. Maximum DC
voltage on VCC is VCC + 0.5 V, which, during transitions, may overshoot to VCC + 2.0 V for periods less than 20 ns.
Maximum DC voltage on input/output signals and VCCQ is VCCQ + 0.5 V, which, during transitions, may overshoot to
VCCQ + 2.0 V for periods less than 20 ns.
2.
Maximum DC voltage on VPP may overshoot to +11.5 V for periods less than 20 ns.
3.
Program/erase voltage is typically 1.7 V – 2.0 V. 9.0 V can be applied for 80 hours maximum total, to any blocks for
1000 cycles maximum. 9.0 V program/erase voltage may reduce block cycling capability.
4.
Output shorted for no more than one second. No more than one output shorted at a time.
Table 11: Operating Conditions
Symbol
Parameter
Min
Max
Units
Notes
TC
Operating Temperature
–40
+85
°C
1
VCC
VCC Supply Voltage
1.7
2.0
V
3
VCCQ
I/O Supply Voltage
CMOS inputs
1.7
3.6
TTL inputs
2.4
3.6
VPPL
VPP Voltage Supply (Logic Level)
0.9
3.6
2
VPPH
Factory word programming VPP
8.5
9.5
tPPH
Maximum VPP Hours
VPP = VPPH
-80
Hours
Block
Erase
Cycles
Main and Parameter Blocks
VPP = VPPL
100,000
-
Cycles
Main Blocks
VPP = VPPH
-
1000
Parameter Blocks
VPP = VPPH
-
2500
Notes:
1.
TC = Case Temperature.
2.
In typical operation VPP program voltage is VPPL.
3.
40Mhz burst operation on the TSOP package has a min Vcc value of 1.85V. Please refer to the latest Specification Update
regarding synchronous burst operation with the TSOP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com