Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN808-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN808-E
Description  Octal channel high side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN808-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN808-E Datasheet HTML 5Page - STMicroelectronics VN808-E Datasheet HTML 6Page - STMicroelectronics VN808-E Datasheet HTML 7Page - STMicroelectronics VN808-E Datasheet HTML 8Page - STMicroelectronics VN808-E Datasheet HTML 9Page - STMicroelectronics VN808-E Datasheet HTML 10Page - STMicroelectronics VN808-E Datasheet HTML 11Page - STMicroelectronics VN808-E Datasheet HTML 12Page - STMicroelectronics VN808-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
VN808-E
Current, voltage conventions and internal diagram
9/18
Figure 5.
Application example
Table 9.
Truth table
Conditions
INPUTn
OUTPUTn
STATUS
Normal operation
L
H
L
H
L
L
Current limitation
L
H
L
X
L
L
Overtemperature
(see waveforms 3, 4 Figure 8) -> TJ > TTSD
L
H
L
L
L
H
Undervoltage
L
H
L
L
X
X
Vcc24V- 28,2V IEC61131
22µF
100nF
Load 1
Load 2
Load 3
Load 8
VN808
Status
Vin 1
Vin 2
Vin 8
Vin 3
Imax 80µA
Load 1
Load 2
Load 3
Load 8
VN808
Status
Vin 1
Vin 2
Vin 8
Vin 3
Imax 80µA
22µF
100nF
Vcc24V- 28,2V IEC61131
22µF
100nF
Load 1
Load 2
Load 3
Load 8
VN808
Status
Vin 1
Vin 2
Vin 8
Vin 3
Imax 80µA
Load 1
Load 2
Load 3
Load 8
VN808
Status
Vin 1
Vin 2
Vin 8
Vin 3
Imax 80µA
Load 1
Load 2
Load 3
Load 8
VN808
Status
Vin 1
Vin 2
Vin 8
Vin 3
Imax 80µA
22µF
100nF
Vcc24V- 28,2V IEC61131
22µF
100nF
Load 1
Load 2
Load 3
Load 8
VN808
Status
Vin 1
Vin 2
Vin 8
Vin 3
Imax 80µA
Load 1
Load 2
Load 3
Load 8
VN808
Status
Vin 1
Vin 2
Vin 8
Vin 3
Imax 80µA
Load 1
Load 2
Load 3
Load 8
VN808
Status
Vin 1
Vin 2
Vin 8
Vin 3
Imax 80µA
Load 1
Load 2
Load 3
Load 8
VN808
Status
Vin 1
Vin 2
Vin 8
Vin 3
Imax 80µA
10nF
.
.
.
.
.
..
.
.
.
RGND
RGND
Vcc24V- 28,2V IEC61131
10nF
Vc
c/2
co
mp
ati
ble
inp
uts
.
.
.
.
.
..
.
.
.
RGND
RGND
Vcc24V- 28,2V IEC61131
22µF
100nF
Vcc24V- 28,2V IEC61131
22µF
100nF
Vcc24V- 28,2V IEC61131
22µF
100nF
22µF
100nF
Load 1
Load 2
Load 3
Load 8
VN808
Status
Vin 1
Vin 2
Vin 8
Vin 3
Imax 80µA
Load 1
Load 2
Load 3
Load 8
VN808
Status
Vin 1
Vin 2
Vin 8
Vin 3
Imax 80µA
Load 1
Load 2
Load 3
Load 8
VN808-E
Status
Vin 1
Vin 2
Vin 8
Vin 3
Imax 80µA
Filter for bus inductance effect.,
Make supply voltage stable and
Avoid undervoltage shut-down
EMC filter
Protection for IEC 61000-4-5
Surge test suggested 1,5KE39xx
Optional protection for
VCC disconnection.
Protection against
IEC 61000-4-6
Current injection test
10
Ω protection against disconnection
On inductive loads
PROTECTIONS INCLUDED IN THE DEVICE:
IEC 61000-4-2 ESD test better than 2kV Human Body Model – IEC 61000-4-4 Burst test
Status output current
From 2 to 4 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com