Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1874ID Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS1874ID
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1874ID Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS1874ID Datasheet HTML 5Page - STMicroelectronics TS1874ID Datasheet HTML 6Page - STMicroelectronics TS1874ID Datasheet HTML 7Page - STMicroelectronics TS1874ID Datasheet HTML 8Page - STMicroelectronics TS1874ID Datasheet HTML 9Page - STMicroelectronics TS1874ID Datasheet HTML 10Page - STMicroelectronics TS1874ID Datasheet HTML 11Page - STMicroelectronics TS1874ID Datasheet HTML 12Page - STMicroelectronics TS1874ID Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TS1871-TS1872-TS1874
Electrical characteristics
9/26
Figure 7.
Common mode rejection vs.
temperature
Figure 8.
Supply voltage rejection vs.
temperature
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
85
90
95
100
105
110
115
120
Vcc = 1.8V
Vicm = 0V
Vcc = 3V
Vicm = 0V
Vcc = 5V
Vicm = 0V
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
85
90
95
100
105
110
115
120
Vcc = 1.8V
Vicm = 0V
Vcc = 3V
Vicm = 0V
Vcc = 5V
Vicm = 0V
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
60
70
80
90
100
110
Vcc = 1.8V
Vicm = 0V
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
60
70
80
90
100
110
Vcc = 1.8V
Vicm = 0V
Figure 9.
Supply voltage rejection vs.
temperature
Figure 10.
Supply voltage rejection vs.
temperature
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
60
70
80
90
100
110
Vcc = 3V
Vicm = 0V
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
60
70
80
90
100
110
Vcc = 3V
Vicm = 0V
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
60
70
80
90
100
110
Vcc = 5V
Vicm = 0V
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
60
70
80
90
100
110
Vcc = 5V
Vicm = 0V
Figure 11.
Power supply voltage rejection vs.
frequency
Figure 12.
Open loop gain vs. frequency
100
1000
10000
100000
Frequency (Hz)
-80
-70
-60
-50
-40
-30
-20
Vcc = 1.8V
Vicm = 0.7V
Gain = 10
100
1000
10000
100000
Frequency (Hz)
-80
-70
-60
-50
-40
-30
-20
Vcc = 1.8V
Vicm = 0.7V
Gain = 10
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 1.8V
Vicm = 0.9V
RL = 600 Ohms
RL = 2 kOhms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 1.8V
Vicm = 0.9V
RL = 600 Ohms
RL = 2 kOhms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com