Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1874IDT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS1874IDT
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1874IDT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS1874IDT Datasheet HTML 7Page - STMicroelectronics TS1874IDT Datasheet HTML 8Page - STMicroelectronics TS1874IDT Datasheet HTML 9Page - STMicroelectronics TS1874IDT Datasheet HTML 10Page - STMicroelectronics TS1874IDT Datasheet HTML 11Page - STMicroelectronics TS1874IDT Datasheet HTML 12Page - STMicroelectronics TS1874IDT Datasheet HTML 13Page - STMicroelectronics TS1874IDT Datasheet HTML 14Page - STMicroelectronics TS1874IDT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TS1871-TS1872-TS1874
Electrical characteristics
11/26
Figure 19.
Output current vs. temperature
Figure 20.
Output current vs. temperature
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 1.8V
Vid = 1V
Isource
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 1.8V
Vid = 1V
Isource
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 3V
Vid = 1V
Isource
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 3V
Vid = 1V
Isource
Figure 21.
Output current vs. temperature
Figure 22.
Output current vs. output voltage
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 5V
Vid = 1V
Isource
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 5V
Vid = 1V
Isource
0.0
0.5
1.0
1.5
2.0
Output voltage (V)
-100
-50
0
50
100
sink
Vcc = 1.8V
Vid = 0.1V
Vicm = 0.9V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
0.0
0.5
1.0
1.5
2.0
Output voltage (V)
-100
-50
0
50
100
sink
Vcc = 1.8V
Vid = 0.1V
Vicm = 0.9V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
Figure 23.
Output current vs. output voltage
Figure 24.
Output current vs. output voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output voltage (V)
-100
-50
0
50
100
sink
Vcc = 3V
Vid = 0.1V
Vicm = 1.5V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output voltage (V)
-100
-50
0
50
100
sink
Vcc = 3V
Vid = 0.1V
Vicm = 1.5V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
0.0
1.0
2.0
3.0
4.0
5.0
Output voltage (V)
-100
-50
0
50
100
sink
Vcc = 5V
Vid = 0.1V
Vicm = 2.5V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
0.0
1.0
2.0
3.0
4.0
5.0
Output voltage (V)
-100
-50
0
50
100
sink
Vcc = 5V
Vid = 0.1V
Vicm = 2.5V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com