Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ860 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNQ860
Description  Quad channel high side driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ860 Datasheet(HTML) 3 Page - STMicroelectronics

  VNQ860 Datasheet HTML 1Page - STMicroelectronics VNQ860 Datasheet HTML 2Page - STMicroelectronics VNQ860 Datasheet HTML 3Page - STMicroelectronics VNQ860 Datasheet HTML 4Page - STMicroelectronics VNQ860 Datasheet HTML 5Page - STMicroelectronics VNQ860 Datasheet HTML 6Page - STMicroelectronics VNQ860 Datasheet HTML 7Page - STMicroelectronics VNQ860 Datasheet HTML 8Page - STMicroelectronics VNQ860 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
VNQ860-E, VNQ860SP-E
Maximum rating
3/19
1
Maximum rating
Table 1.
Absolute maximum rating
Symbol
Parameter
Value
Unit
SO-20
PowerSO-10
VCC
DC supply voltage
41
V
-VCC
Reverse DC supply voltage
-0.3
V
-IGND
DC reverse ground pin
-200
mA
IOUT
DC output current
Internally limited
A
-IOUT
Reverse DC output current
-2
A
IIN
DC input current
± 10
mA
VIN
Input voltage range
-3/+VCC
V
ISTAT
DC status voltage
+ VCC
V
VESD
Electrostatic discharge (R = 1.5 kW; C = 100 pF)
2000
V
Ptot
Power dissipation at Tc <= 25 °C
16
90
W
TJ
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
SO-20
PowerSO-10
RthJP
Thermal resistance junction-pins
Max
8
-
°C/W
RthJA
Thermal resistance junction-ambient
Max
58
52 (1)
1.
When mounted on FR4 printed circuit board with 0.5 cm2 of copper area ( at least 35
µ thick ) connected to
all VCC pins.
°C/W
37 (2)
2.
When mounted on FR4 printed circuit board with 6 cm2 of copper area ( at least 35
µ thick ) connected to all
VCC pins.
RthJC
Thermal resistance junction-case
Max
-
1.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com