Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC244 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC244
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC244 Datasheet(HTML) 1 Page - STMicroelectronics

  74AC244_01 Datasheet HTML 1Page - STMicroelectronics 74AC244_01 Datasheet HTML 2Page - STMicroelectronics 74AC244_01 Datasheet HTML 3Page - STMicroelectronics 74AC244_01 Datasheet HTML 4Page - STMicroelectronics 74AC244_01 Datasheet HTML 5Page - STMicroelectronics 74AC244_01 Datasheet HTML 6Page - STMicroelectronics 74AC244_01 Datasheet HTML 7Page - STMicroelectronics 74AC244_01 Datasheet HTML 8Page - STMicroelectronics 74AC244_01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
April 2001
s
HIGH SPEED: tPD = 3.8ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 244
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74AC244 is an advanced high-speed CMOS
OCTAL BUS BUFFER (3-STATE) fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS tecnology.
The G input controls four BUS BUFFERs.
This device is designed to be used with 3 state
memory address drivers, etc.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74AC244
OCTAL BUS BUFFER
WITH 3 STATE OUTPUTS (NON INVERTED)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74AC244B
SOP
74AC244M
74AC244MTR
TSSOP
74AC244TTR
TSSOP
DIP
SOP


Similar Part No. - 74AC244_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC244B STMICROELECTRONICS-74AC244B Datasheet
79Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Apr-1997
74AC244M STMICROELECTRONICS-74AC244M Datasheet
79Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Apr-1997
logo
Fairchild Semiconductor
74AC244MTC FAIRCHILD-74AC244MTC Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74AC244MTC ONSEMI-74AC244MTC Datasheet
396Kb / 14P
Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74AC244MTC ONSEMI-74AC244MTC Datasheet
339Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
February, 2022?뭃ev. 2
More results

Similar Description - 74AC244_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Jun-1999
74VHCT541A STMICROELECTRONICS-74VHCT541A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Aug-1999
logo
Toshiba Semiconductor
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC244 STMICROELECTRONICS-M74HC244 Datasheet
198Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Jul-2001
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Nov-1998
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com