Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT14B Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT14B
Description  HEX SCHMITT INVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT14B Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT14B Datasheet HTML 1Page - STMicroelectronics 74ACT14B Datasheet HTML 2Page - STMicroelectronics 74ACT14B Datasheet HTML 3Page - STMicroelectronics 74ACT14B Datasheet HTML 4Page - STMicroelectronics 74ACT14B Datasheet HTML 5Page - STMicroelectronics 74ACT14B Datasheet HTML 6Page - STMicroelectronics 74ACT14B Datasheet HTML 7Page - STMicroelectronics 74ACT14B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
April 2001
s
HIGH SPEED: tPD = 7.2 ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 14
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74ACT14 is an advanced high-speed CMOS
HEX
SCHMITT
INVERTER
fabricated
with
sub-micron silicon gate and double-layer metal
wiring C2MOS tecnology.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
The device is designed to interface directly High
Speed CMOS systems with TTL, NMOS and
CMOS output voltage levels.
This together with its schmitt trigger function
allows it to be used on line receivers with slow
rise/fall input signals.
All inputs and outputs are equipped with protec-
tion circuits against static discharge, giving them
2KV ESD immunity and transient excess voltage.
74ACT14
HEX SCHMITT INVERTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74ACT14B
SOP
74ACT14M
74ACT14MTR
TSSOP
74ACT14TTR
TSSOP
DIP
SOP


Similar Part No. - 74ACT14B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT14B STMICROELECTRONICS-74ACT14B Datasheet
52Kb / 7P
HEX SCHMITT INVERTER
Mar-1999
More results

Similar Description - 74ACT14B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
HEX SCHMITT INVERTER
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
HEX SCHMITT INVERTER
Mar-1998
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14 Datasheet
83Kb / 7P
Hex Schmitt Inverter
February, 2006 ??Rev. 9
logo
Toshiba Semiconductor
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
Hex Schmitt Inverter
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
Hex Schmitt inverter
23-May-2008
logo
ON Semiconductor
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
Hex Schmitt Inverter
May, 2011 ??Rev. 10
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
Hex Schmitt Inverter
December 2007 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com