Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC30R80 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC30R80
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R80 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC30R80 Datasheet HTML 4Page - STMicroelectronics STLC30R80 Datasheet HTML 5Page - STMicroelectronics STLC30R80 Datasheet HTML 6Page - STMicroelectronics STLC30R80 Datasheet HTML 7Page - STMicroelectronics STLC30R80 Datasheet HTML 8Page - STMicroelectronics STLC30R80 Datasheet HTML 9Page - STMicroelectronics STLC30R80 Datasheet HTML 10Page - STMicroelectronics STLC30R80 Datasheet HTML 11Page - STMicroelectronics STLC30R80 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RS
ZAC
ZA
ZB
CCOMP
TX
RS
ZAC
ZB
TX
CONTROL
INTERFACE
D0
D1
D2
VCC
AGND
BGND
CAC
RDC
CAC
CRT
CRT
IREF
REF
TIP
RPT1
LCP
1511
RPR1
RPT2
RPR2
RING
TIP
RING
D1
VREG
BASE
CREV
CREV
D99TL433CMod
CSVR
(*) 1% match, 600K
Ω typ.
(1) Components needed only for Metering pulse injection.
(2) to be inserted only for 5REN application
STLC30R80
D0
D1
D2
DET
DET
CSIN
CSIN
ILTF
RDC
RLIM
RLIM
RTH
RTH
CSVR
RS2(*)
RT2
RS1(*)
RT1
VCC
VDD
VDD
QEXT
CH
VB2
VBAT
VB1
D2
ZAC1
RX
RX
VB1
CSOUT
CSOUT
TTXIN
TTX
RDA
RTTX
CTTX
RES
RES
GDK/AL
GDK/AL
(1)
RSWITCH
From SWITCH PIN
To RSWITCH Resistor
SW
(2)
Figure 2. Typical application diagram.
RS 2.5K
CVCC
ZAC
12.5K
ZA
15K
ZB
15K
CCOMP
220pF
TX
RS
ZAC
ZB
TX
CONTROL
INTERFACE
D0
D1
D2
VCC
AGND
BGND
CAC
RDC
10
µF
CRT
CRT
470nF
RREF
RREF
30.1K
TIP
RPT1 20
LCP
1511
RPR1 20
RPT2 30
RPR2 30
RING
TIP
RING
VB1
VB2
VREG
BASE
CREV
CREV
47nF
CSVR
(*) 1% match, 600K
Ω typ.
STLC30R80
D0
D1
D2
DET
DET
CSIN
CSIN
ILTF
RDC
1.5K
RLIM
RLIM
51.1K
RTH
RTH
26.1K
CSVR
100nF
CVB
RS2(*) 600K
RT2
RS1(*) 600K
RT1
VCC
VDD
VDD
QEXT
BD140
CH
220pF
VBAT
D1
1N4448
ZAC1
RX
RX
VB-
CSOUT
CSOUT
TTXIN
TTX
RDA
10K
RTTX
3.75K
CTTX
1
µF
CAC
RES
RES
GDK/AL
GDK/AL
D99TL434CMod
RSWITCH
From SWITCH PIN
To RSWITCH Resistor
SW
Figure 3. Test Circuit.
STLC30R80
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com