Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX08MTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LCX08MTR
Description  Low voltage CMOS QUAD 2-input AND gate with 5V tolerant inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX08MTR Datasheet(HTML) 4 Page - STMicroelectronics

  74LCX08MTR Datasheet HTML 1Page - STMicroelectronics 74LCX08MTR Datasheet HTML 2Page - STMicroelectronics 74LCX08MTR Datasheet HTML 3Page - STMicroelectronics 74LCX08MTR Datasheet HTML 4Page - STMicroelectronics 74LCX08MTR Datasheet HTML 5Page - STMicroelectronics 74LCX08MTR Datasheet HTML 6Page - STMicroelectronics 74LCX08MTR Datasheet HTML 7Page - STMicroelectronics 74LCX08MTR Datasheet HTML 8Page - STMicroelectronics 74LCX08MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin settings
74LCX08
4/15
2
Pin settings
2.1
Pin connection
Figure 3.
Pin connection (top through view)
2.2
Pin description
2.3
Truth table
Table 1. Pin description
Pin N°
Symbol
Name and function
1, 4, 9, 12
1A to 4A
Data inputs
2, 5, 10, 13
1B to 4B
Data inputs
3, 6, 8, 11
1Y to 4Y
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
Table 2. Truth table
Inputs
Output
AB
Y
LL
L
LHL
HL
L
HHH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com