Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX07 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX07
Description  Low voltage CMOS HEX buffer (open drain) with 5V tolerant inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX07 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX07 Datasheet HTML 1Page - STMicroelectronics 74LCX07 Datasheet HTML 2Page - STMicroelectronics 74LCX07 Datasheet HTML 3Page - STMicroelectronics 74LCX07 Datasheet HTML 4Page - STMicroelectronics 74LCX07 Datasheet HTML 5Page - STMicroelectronics 74LCX07 Datasheet HTML 6Page - STMicroelectronics 74LCX07 Datasheet HTML 7Page - STMicroelectronics 74LCX07 Datasheet HTML 8Page - STMicroelectronics 74LCX07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2006
Rev 5
1/15
15
74LCX07
Low voltage CMOS HEX buffer (open drain)
with 5V tolerant inputs
Features
5V tolerant inputs
High speed:
–tPD = 5.2ns (Max) at VCC = 3V
Power down protection on inputs and outputs
Symmetrical output impedance:
–|IOH| = IOL = 24mA (Min) at VCC = 3V
PCI bus levels guaranteed at 24mA
Operating voltage range:
–VCC (Opr) = 2.0V to 3.6V
Pin and function compatible with
74 series 07
Latch-up performance exceeds
500mA (JESD 17)
ESD performance:
– HBM > 2000V
(MIL STD 883 method 3015); MM > 200V
Description
The 74LCX07 is a low voltage CMOS open drain
HEX buffer fabricated with sub-micron silicon gate
and double-layer metal wiring C2MOS technology.
It is ideal for low power and high speed 3.3V
applications. It can be interfaced to 5V signal
environment for inputs.
The internal circuit is composed of 2 stages
including buffer output, which provides high noise
immunity and stable output.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
SO-14
TSSOP14
www.st.com
Order codes
Part number
Package
Packaging
74LCX07MTR
SO-14
Tape and reel
74LCX07TTR
TSSOP14
Tape and reel


Similar Part No. - 74LCX07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX07 FAIRCHILD-74LCX07 Datasheet
69Kb / 10P
Low Voltage Hex Buffer with Open Drain Outputs
logo
STMicroelectronics
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
15-Sep-2004
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
252Kb / 16P
Low-voltage CMOS hex buffer (open drain)
02-Oct-2012
logo
ON Semiconductor
74LCX07 ONSEMI-74LCX07 Datasheet
693Kb / 13P
Low Voltage Hex Buffer with Open Drain Outputs
December 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX07BQX FAIRCHILD-74LCX07BQX Datasheet
69Kb / 10P
Low Voltage Hex Buffer with Open Drain Outputs
More results

Similar Description - 74LCX07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX05 STMICROELECTRONICS-74LVX05 Datasheet
218Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Jul-2001
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Sep-2001
74LCX07 STMICROELECTRONICS-74LCX07 Datasheet
193Kb / 11P
LOW VOLTAGE CMOS HEX BUFFER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
15-Sep-2004
74LCX05 STMICROELECTRONICS-74LCX05 Datasheet
210Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
15-Sep-2004
logo
Toshiba Semiconductor
TC74LCX07F TOSHIBA-TC74LCX07F_07 Datasheet
277Kb / 10P
Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
logo
STMicroelectronics
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
Low voltage CMOS HEX inverter with 5V tolerant inputs
06-Jul-2006
74LCX05 STMICROELECTRONICS-74LCX05_06 Datasheet
244Kb / 15P
Low voltage CMOS HEX inverter (open drain) with 5V tolerant inputs
06-Jul-2006
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Toshiba Semiconductor
TC74LCX07F TOSHIBA-TC74LCX07F_12 Datasheet
233Kb / 10P
Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com