Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8622 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8622
Description  Dual, Low Power, Low Noise, Low Bias Current Precision Rail-to-Rail Output Op Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8622 Datasheet(HTML) 2 Page - Analog Devices

  AD8622 Datasheet HTML 1Page - Analog Devices AD8622 Datasheet HTML 2Page - Analog Devices AD8622 Datasheet HTML 3Page - Analog Devices AD8622 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AD8622
Preliminary Technical Data
Rev. 0 | Page 2 of 4
AD8622 SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VS = ±5.0 V, VCM = 0 V, VO = 0 V, TA = +25°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
Grade B
10
50
μV
Grade A
100
μV
−40°C ≤ TA ≤ +85°C
μV
−40°C ≤ TA ≤ +125°C
μV
Input Bias Current
IB
20
200
pA
−40°C ≤ TA ≤ +85°C
300
−40°C ≤ TA ≤ +125°C
pA
Input Offset Current
IOS
10
pA
−40°C ≤ TA ≤ +125°C
pA
Input Voltage Range
−4
4
V
Common-Mode Rejection Ratio
CMRR
VCM = −3.8 V to +3.8 V
120
dB
−40°C ≤ TA ≤ +85°C
−40°C ≤ TA ≤ +125°C
dB
Open Loop Gain
AVO
RL = 10 kΩ to ground,
1000
V/mV
VO = −4.0 V to +4.0 V
V/mV
−40°C ≤ TA ≤ +85°C
V/mV
−40°C ≤ TA ≤ +125°C
V/mV
RL = 2 kΩ to ground,
500
V/mV
VO = −4.0 V to +4.0 V
V/mV
−40°C ≤ TA ≤ +85°C
V/mV
−40°C ≤ TA ≤ +125°C
700
1250
V/mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +85°C
0.2
0.6
μV/°C
−40°C ≤ TA ≤ +125°C
0.2
0.6
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
1mA to ground
4.8
V
−40°C ≤ TA ≤ +125°C
V
Output Voltage Low
VOL
1mA to ground
−4.8
V
−40°C ≤ TA ≤ +125°C
−4.91
V
Short-Circuit Limit
ISC
±20
mA
Output Current
IO
±10
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2.0 V to ±18.0 V
120
dB
−40°C ≤ TA ≤ +85°C
−40°C ≤ TA ≤ +125°C
dB
Supply Current/Amplifier
ISY
VO = 0 V
200
μA
−40°C ≤ TA ≤ +85°C
μA
−40°C ≤ TA ≤ +125°C
330
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
0.4
V/μs
Gain Bandwidth Product
GBP
600
kHz
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
tbd
μV p-p
Voltage Noise Density
en
f = 1 kHz
12
nV/√Hz
Current Noise Density
in
f = 10 Hz
tbd
pA/√Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com