Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5412 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STLC5412
Description  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 51Page - STMicroelectronics STLC5412 Datasheet HTML 52Page - STMicroelectronics STLC5412 Datasheet HTML 53Page - STMicroelectronics STLC5412 Datasheet HTML 54Page - STMicroelectronics STLC5412 Datasheet HTML 55Page - STMicroelectronics STLC5412 Datasheet HTML 56Page - STMicroelectronics STLC5412 Datasheet HTML 57Page - STMicroelectronics STLC5412 Datasheet HTML 58Page - STMicroelectronics STLC5412 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
Line Interface Circuit
It is very important, comply with ANSI, ETSI and
French standards, that the recommended line in-
terface circuit should be strictly adhered to. The
channel response and dynamic range of this cir-
cuit have been carefully designed as an integral
part of the overall signal processing system
to ensure that the performance require-
ments are met under all the specified loop
conditions. Deviations from this design are
likely to result in sub-optimal performance
or even total failure of the system on some
types of loops.
Turns Ratio: Np:Ns = 1:1.5.
Secondary Inductance: Lp 27mH.
Max leakage inductance: 100
µH
Winding Resistances: 30 ohms
(2.25Rp + Rs)
> 10 ohms.
Return Loss, at 40 kHz and load of 135 ohms: 26
dB. Saturation characteristics: THD –70dB when
tested with 50mA d.c. through the secondary and
a 40kHz sine-wave injected into the primary at a
level which generates, at the secondary, 5VP-P
(Rload = 135ohms).
List of suppliers:
SHOTT
PULSE ENGINEERING
Table 11.
WINDING
NUMBER OF
TURNS
WIRE GAUGE
1-2
98 Single
#34 AWG
6-5, 8-7
120+120 Bifilar
#36 AWG
3-4
62 Single
#34 AWG
WINDING
INDUCTANCE
RESISTANCE
1-2 + 3-4
12 mH
less than 5
5-6 + 7-8
27 mH
less than 10
Board Layout
While the pins of the UID are well protected against
electrical misuse, it is recommended that the stand-
ard CMOS practise, of applying GND to the device
before any other connections are made, should al-
ways be followed. In applications where the printed
circuit card may be plugged into a hot socket with
power and clocks already present, an extra long
ground pin on the connector should be used. Great
care must be taken in the layout of the printed cir-
cuit board in order to preserve the high transmis-
sion performance of the STLC5412. To maximize
performance, do not use the philosophy of separat-
ing analog and digital grounds for chip. All GND
pins should be connected together as close as pos-
sible to the pins, and the VCC pins should be
strapped together. All ground connections to each
device should meet at a common point as close as
possible to the GND pins to prevent the interaction
of ground return currents flowing through a com-
mon bus impedance. Two decoupling capacitors of
10
µF and 0.1µF should be connected from this
common point to VCC pins as close as possible to
the chip. Taking care with the board layout in the
following ways will also help prevent noise injection
into the receiver frontend and maximize the trans-
mission performances. Keep the crystal oscillator
components away from the receiver inputs and use
a shielded ground plane around these components.
Keep the device, the components connected to
LI+/LI- and the transformer as close possible. Sym-
metrical layout for the line interface is suggested.
..
..
1
98T
2
6
120T
5
8
120T
7
3
62T
4
1.5:1
DEVICE SIDE
LINE SIDE
Figure 11: Transformer Design.
(secondary)
(primary)
STLC5412
55/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com