Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5411P Datasheet(PDF) 60 Page - STMicroelectronics

Part # STLC5411P
Description  2B1Q U INTERFACE DEVICE
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5411P Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STLC5411P Datasheet HTML 56Page - STMicroelectronics STLC5411P Datasheet HTML 57Page - STMicroelectronics STLC5411P Datasheet HTML 58Page - STMicroelectronics STLC5411P Datasheet HTML 59Page - STMicroelectronics STLC5411P Datasheet HTML 60Page - STMicroelectronics STLC5411P Datasheet HTML 61Page - STMicroelectronics STLC5411P Datasheet HTML 62Page - STMicroelectronics STLC5411P Datasheet HTML 63Page - STMicroelectronics STLC5411P Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
APPENDIX B - ELECTRICAL PARAMETERS
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
– 0.3 to 7.0
V
VIN
Input Voltage
– 0.3 to 7.0
V
TA
Operting Temperature Range
0 to 70
°C
Tstg
Storage TemperatureRange
– 55 to 150
°C
TRANSMISSION ELECTRICAL PARAMETERS
Parameter
Min.
Typ.
Max.
Unit
LINE INTERFACE FEATURES
Differential Input Resistance between LI+/LI- (0–20KHz Bandwidth)
to be characterized
K
Common Mode Input Resistance
to be characterized
K
Power up Output Differential Impedance (0–20KHz) between LO+/LO-
1
5
Power Down Output Diffrential Impedance (0–20KHz) between LO+/LO-
8
12
16
POWER CONSUMPTION
ICC in Power Down
48
mA
ICC in Power Up Transmitting (2)
70
80
mA
TRANSMISSION PERFORMANCES
Transmit Pulse Amplitude on LO+, LO-
3.27
3.61
V
Transmit Pulse Linearity (1:3 ratio accurancy)
36
50
dB
(1) This specification garanties the ANSI specification, concerning the pulse amplitude using the line interface recommended schematics, of
2,5 æ 5% Volts peak amplitude for 2B1Q pulse.
(2) Test condition: VDD = 5V, 2B1Q random signal transmitted with recommended 27mH line interface (fig 12) terminated with 135
Ω.
STATIC CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
DC Supply Voltage
4.75
5.25
V
VIL
Input Low Voltage
All Dig Inputs except XTAL1
0.7
V
VIH
Input High Voltage
All Dig Inputs except XTAL1
2.2
V
VILX
Input Low Voltage
XTAL1 Input
0.5
V
VIHX
Input High Voltage
XTAL1 Input
VDD–0.5
V
VOL
Output Low Voltage
Br, IO = +7mA
All other Digital Outputs,
Iol = +1mA
0.4
0.4
V
V
VOH
Output High Voltage
Br, IO = –7mA
All other Digital Outputs
IO = –1mA
All Outputs (3), IO = –100
µA
2.4
2.4
VDD–0.5
V
V
V
ILH
Input Current
Any Digital Vin =VDD
010
µA
ILL
Input Current
Input pin numbers: 14,15,16,
22,26,18, Vin = GND
–10
0
µA
ILLR
Input Current with Internal Pull Up
Resistor
Input pin numbers: 6,7,12,13
17,19,25,27,28 Vin = GND
–100
0
µA
ILLX
Input Current on XTAL1
GND < Vin <VDD
–200
200
µA
ILLI
Input Current on LI+/LI-
LI+ and LI- to GND
to be characterized
µA
IOZ
Output Current in High Impedance
State (TRISTATE)
GND < Vout < VDD ;All
Digital Outputs except
XTAL2
–10
10
µA
STLC5411
60/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com