Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16374 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74ALVCH16374
Description  LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH16374 Datasheet(HTML) 4 Page - STMicroelectronics

  74ALVCH16374 Datasheet HTML 1Page - STMicroelectronics 74ALVCH16374 Datasheet HTML 2Page - STMicroelectronics 74ALVCH16374 Datasheet HTML 3Page - STMicroelectronics 74ALVCH16374 Datasheet HTML 4Page - STMicroelectronics 74ALVCH16374 Datasheet HTML 5Page - STMicroelectronics 74ALVCH16374 Datasheet HTML 6Page - STMicroelectronics 74ALVCH16374 Datasheet HTML 7Page - STMicroelectronics 74ALVCH16374 Datasheet HTML 8Page - STMicroelectronics 74ALVCH16374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74ALVCH16374
4/11
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
1.65 to 1.95
0.65 Vcc
0.65 Vcc
V
2.3 to 2.7
1.7
1.7
2.7 to 3.6
2.0
2.0
VIL
Low Level Input
Voltage
1.65 to 1.95
0.35 Vcc
0.35 Vcc
2.3 to 2.7
0.7
0.7
2.7 to 3.6
0.8
0.8
VOH
High Level Output
Voltage
1.65 to 3.6
IO=-100 µAVCC-0.2
VCC-0.2
V
1.65
IO=-4 mA
1.2
1.2
2.3
IO=-6 mA
2.0
2.0
2.3
IO=-12 mA
1.7
1.7
2.7
IO=-12 mA
2.2
2.2
3.0
IO=-12 mA
2.4
2.4
3.0
IO=-24 mA
2.0
2.0
VOL
Low Level Output
Voltage
1.65 to 3.6
IO=100 µA
0.2
0.2
V
1.65
IO=4 mA
0.45
0.45
2.3
IO=6 mA
0.4
0.4
2.3
IO=12 mA
0.7
0.7
2.7
IO=12 mA
0.4
0.4
3.0
IO=24 mA
0.55
0.55
II
Input Leakage
Current
3.6
VI = 0 or 3.6V
± 5
± 5
µA
IIHOLD
Bus Hold Input
Leakage Current
1.65
VI =0.58 V
+25
+ 25
µA
1.65
VI =1.07 V
-25
- 25
2.3
VI =0.7 V
+45
+ 45
2.3
VI =1.7 V
-45
- 45
3.0
VI =0.8 V
+75
+ 75
3.0
VI =2 V
-75
- 75
3.6
VI = 0 to 3.6V
± 500
± 500
Ioff
Power Off Leakage
Current
0VI or VO =3.6V
10
20
µA
IOZ
High Impedance
Output Leakage
Current
3.6
VI =VIH or VIL
VO = 0 to VCC
± 5
± 10
µA
ICC
Quiescent Supply
Current
3.6
VI =VCC or GND
IO=0
20
40
µA
∆I
CC
ICC incr. per Input
3.0 to 3.6
VIH =VCC - 0.6V
500
750
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com