Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74H1G66STR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74H1G66STR
Description  SINGLE BILATERAL SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74H1G66STR Datasheet(HTML) 5 Page - STMicroelectronics

  74H1G66STR Datasheet HTML 1Page - STMicroelectronics 74H1G66STR Datasheet HTML 2Page - STMicroelectronics 74H1G66STR Datasheet HTML 3Page - STMicroelectronics 74H1G66STR Datasheet HTML 4Page - STMicroelectronics 74H1G66STR Datasheet HTML 5Page - STMicroelectronics 74H1G66STR Datasheet HTML 6Page - STMicroelectronics 74H1G66STR Datasheet HTML 7Page - STMicroelectronics 74H1G66STR Datasheet HTML 8Page - STMicroelectronics 74H1G66STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74H1G66
5/10
ANALOG SWITCH CHARACTERISTICS (GND = 0V; TA = 25°C)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VIN
(Vp-p)
Typ.
Sine Wave
Distortion (THD)
4.5
4
fIN = 1 KHz RL = 10 KΩ, CL = 50 pF
0.04
%
9.0
8
0.04
fMAX
Frequency
Response
(Switch ON)
4.5
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL = 50Ω, CL = 10 pF
150
MHz
9.0
180
Feed through
Attenuation
(Switch OFF)
4.5
VIN is centered at VCC/2
Adjust fIN Voltage to obtained 0dBm at VIS
RL = 600Ω, CL = 50 pF, fIN = 1KHz sine wave
-60
dB
9.0
-60
Crosstalk (Control
Input to Signal
Output)
4.5
RL = 600Ω, CL = 50 pF, fIN = 1KHz square wave
tr = tf = 6ns
60
mV
9.0
60



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com