Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX373 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LCX373
Description  OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX373 Datasheet(HTML) 5 Page - STMicroelectronics

  74LCX373_04 Datasheet HTML 1Page - STMicroelectronics 74LCX373_04 Datasheet HTML 2Page - STMicroelectronics 74LCX373_04 Datasheet HTML 3Page - STMicroelectronics 74LCX373_04 Datasheet HTML 4Page - STMicroelectronics 74LCX373_04 Datasheet HTML 5Page - STMicroelectronics 74LCX373_04 Datasheet HTML 6Page - STMicroelectronics 74LCX373_04 Datasheet HTML 7Page - STMicroelectronics 74LCX373_04 Datasheet HTML 8Page - STMicroelectronics 74LCX373_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LCX373
5/13
Table 8: AC Electrical Characteristics
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|)
2) Parameter guaranteed by design
Table 9: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per latch)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay
Time (Dn to Qn)
2.7
50
500
2.5
1.5
9.0
1.5
9.0
ns
3.0 to 3.6
1.5
8.0
1.5
8.0
tPLH tPHL
Propagation Delay
Time (LE to Qn)
2.7
50
500
2.5
1.5
9.5
1.5
9.5
ns
3.0 to 3.6
1.5
8.5
1.5
8.5
tPZL tPZH
Output Enable Time
to HIGH and LOW
level
2.7
50
500
2.5
1.5
9.5
1.5
9.5
ns
3.0 to 3.6
1.5
8.5
1.5
8.5
tPLZ tPHZ
Output Disable Time
from HIGH to LOW
level
2.7
50
500
2.5
1.5
8.5
1.5
8.5
ns
3.0 to 3.6
1.5
7.5
1.5
7.5
tS
Set-Up Time, HIGH
or LOW level
(Dn to LE)
2.7
50
500
2.5
2.5
2.5
ns
3.0 to 3.6
2.5
2.5
th
Hold Time, HIGH or
LOW level
(Dn to LE)
2.7
50
500
2.5
1.5
1.5
ns
3.0 to 3.6
1.5
1.5
tW
LE Pulse Width,
HIGH
2.7
50
500
2.5
3.3
3.3
ns
3.0 to 3.6
3.3
3.3
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
3.0 to 3.6
50
500
2.5
1.0
1.0
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input Capacitance
3.3
VIN = 0 to VCC
6pF
COUT
Output Capacitance
3.3
VIN = 0 to VCC
12
pF
CPD
Power Dissipation Capacitance
(note 1)
3.3
fIN = 10MHz
VIN = 0 or VCC
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com