Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC60133 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC60133
Description  XDSL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC60133 Datasheet(HTML) 6 Page - STMicroelectronics

  STLC60133 Datasheet HTML 1Page - STMicroelectronics STLC60133 Datasheet HTML 2Page - STMicroelectronics STLC60133 Datasheet HTML 3Page - STMicroelectronics STLC60133 Datasheet HTML 4Page - STMicroelectronics STLC60133 Datasheet HTML 5Page - STMicroelectronics STLC60133 Datasheet HTML 6Page - STMicroelectronics STLC60133 Datasheet HTML 7Page - STMicroelectronics STLC60133 Datasheet HTML 8Page - STMicroelectronics STLC60133 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STLC60133
6/9
ELECTRICAL CHARACTERISTICS
Test conditions (VCC = ±6V, Tamb = 0 to 70°C ,Single amplifier in normal condition (PWDN0 = 1, PWDN1 = 1),
unless otherwise specified.) The limits listed below are guaranted in the above temperature range by (0-70°C)
specific testing at different temperature or by product characterisation.
TRANSMISSION PATH
Notes: 1. The output stage of the STLC60133 is designed for maximum load current capability. As a result, shorting the output to common
can cause the STLC60133 to source or sink 1.4A.
2. Guaranteed by product characterization.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SR
Slew Rate
G = 6, Vout = 2Vpp
400
V/us
GBW
Gain Bandwidth
G = 6, Vout = 2Vpp, f = 5MHz
90
140
MHz
THD
Single Ended Distortion
G = 6, f = 1MHz, Vout = 6Vpp,
Rl = 25
Ω
Rl = 100
Ω
-40
-45
-46
-51
dBc
DTHD
Differential THD (2)
G = 6, f = 1MHz, Vout = 12Vpp,
Rl = 25
Ω
Rl = 100
Ω
-50
-55
dBc
IMD
Single Ended IMD
G = 6, Vout = 1.5Vp each tone,
f = 500KHz,
∆f = 10KHz
Rl = 25
Ω
Rl = 100
Ω
-65
-70
-76
-81
dBc
DIMD
Differential IMD (2)
G = 6, Vout = 3Vp each tone,
f = 500KHz,
∆f = 10KHz
Rl = 25
Ω
Rl = 100
Ω
-77
-82
dBc
IB
Input Biasing
5
µA
VN
Voltage Noise (RTI)
f = 30KHz
4
10
nV/
IOV
Input Offset Voltage
6mV
ICMR
Input Common Mode Voltage
Range
f = 1 MHz
-1
+1
V
CMRR
Common Mode Rejection Ratio
f = 1 MHz, Vin = 100mV
40
dB
OVS
Output Voltage Swing
Single ended, Rl = 100
Ω,
G = 6
-5
+5
V
LOC
Linear Output Current
Single ended, Rl = 10
Ω,
G = 6
300
420
mA
SCC
Short Circuit Current (1)
Single ended,
1000
1400
mA
QC
Quiescent Current
PWDN1, PWDN0 = 1,1
PWDN1, PWDN0 = 1,0
PWDN1, PWDN0 = 0,1
PWDN1, PWDN0 = 0,0
10
7
5
3.5
13.7
9
6.5
4.5
mA/Amp
SC
Shutdown Current
250
µA out of Bias pin
1.5
2.0
mA/Amp
PSRR
Power Supply Rejection ratio
f = 500kHz, V = 100mV
30
40
dB
BIASV
Bias Pin Voltage
4
4.5
V
DCG
DC Gain
80
dB
Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com