Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXU04 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74LCXU04
Description  Low voltage CMOS HEX inverter (single stage) with 5V tolerant inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCXU04 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74LCXU04 Datasheet HTML 3Page - STMicroelectronics 74LCXU04 Datasheet HTML 4Page - STMicroelectronics 74LCXU04 Datasheet HTML 5Page - STMicroelectronics 74LCXU04 Datasheet HTML 6Page - STMicroelectronics 74LCXU04 Datasheet HTML 7Page - STMicroelectronics 74LCXU04 Datasheet HTML 8Page - STMicroelectronics 74LCXU04 Datasheet HTML 9Page - STMicroelectronics 74LCXU04 Datasheet HTML 10Page - STMicroelectronics 74LCXU04 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74LCXU04
Test circuit
7/15
5
Test circuit
Figure 4.
Test circuit
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Table 7. AC electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
Min
Max
tPLH tPHL
Propagation delay
time
2.7
50
500
2.5
6.0
ns
3.0 to 3.6
1.0
5.2
tOSLH
tOSHL
Output to output
skew time (1) (2)
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two
outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|,
tOSHL = | tPHLm - tPHLn|)
2.
Parameter guaranteed by design
3.0 to 3.6
50
500
2.5
1.0
ns
Table 8. Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
Min
Typ
Max
CIN
Input capacitance
3.3
VIN = 0 to VCC
6pF
CPD
Power dissipation
capacitance (1)
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the
operating current consumption without load. (Refer to Test Circuit). Average operating current can be
obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per gate)
3.3
fIN = 10MHz
VIN = 0 or VCC
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com