Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC48F4400P0RB0 Datasheet(PDF) 7 Page - Numonyx B.V

Part # PC48F4400P0RB0
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400P0RB0 Datasheet(HTML) 7 Page - Numonyx B.V

Back Button PC48F4400P0RB0 Datasheet HTML 3Page - Numonyx B.V PC48F4400P0RB0 Datasheet HTML 4Page - Numonyx B.V PC48F4400P0RB0 Datasheet HTML 5Page - Numonyx B.V PC48F4400P0RB0 Datasheet HTML 6Page - Numonyx B.V PC48F4400P0RB0 Datasheet HTML 7Page - Numonyx B.V PC48F4400P0RB0 Datasheet HTML 8Page - Numonyx B.V PC48F4400P0RB0 Datasheet HTML 9Page - Numonyx B.V PC48F4400P0RB0 Datasheet HTML 10Page - Numonyx B.V PC48F4400P0RB0 Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
November 2007
Datasheet
Order Number: 290701-18
7
Numonyx™ Wireless Flash Memory (W18)
1.0
Introduction
This datasheet contains information about the Numonyx™ Wireless Flash Memory
(W18) device family. This section describes nomenclature used in the datasheet.
Section 2.0 provides an overview of the W18 flash memory device. Section 6.0,
Section 7.0, and Section 8.0 describe the electrical specifications for extended
temperature product offerings. Ordering information can be found in Section C.
The Numonyx™ Wireless Flash Memory (W18) device with flexible multi-partition dual-
operation architecture, provides high-performance Asynchronous and Synchronous
Burst reads. It is an ideal memory for low-voltage burst CPUs. Combining high read
performance with flash memory intrinsic non-volatility, the W18 device eliminates the
traditional system-performance paradigm of shadowing redundant code memory from
slow nonvolatile storage to faster execution memory. It reduces total memory
requirement that increases reliability and reduces overall system power consumption
and cost. The W18 device’s flexible multi-partition architecture allows program or erase
to occur in one partition while reading from another partition. This allows for higher
data write throughput compared to single-partition architectures and designers can
choose code and data partition sizes. The dual-operation architecture allows two
processors to interleave code operations while program and erase operations take place
in the background.
1.1
Nomenclature
Table 1:
Acronyms
APS
Automatic Power Savings
BBA
Block Base Address
CFI
Common Flash Interface
CUI
Command User Interface
DU
Don’t Use
EFP
Enhanced Factory Programming
FDI
Flash Data Integrator
NC
No Connect
OTP
One-Time Programmable
PBA
Partition Base Address
RCR
Read Configuration Register
RWE
Read-While-Erase
RWW
Read-While-Write
SCSP
Stacked Chip Scale Package
SRD
Status Register Data
VF BGA
Very-thin, Fine-pitch, Ball Grid Array
WSM
Write State Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com