Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3689 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STG3689
Description  Low Voltage 0.9Ω max dual SPDT Switch with break-before-make feature
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3689 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STG3689 Datasheet HTML 8Page - STMicroelectronics STG3689 Datasheet HTML 9Page - STMicroelectronics STG3689 Datasheet HTML 10Page - STMicroelectronics STG3689 Datasheet HTML 11Page - STMicroelectronics STG3689 Datasheet HTML 12Page - STMicroelectronics STG3689 Datasheet HTML 13Page - STMicroelectronics STG3689 Datasheet HTML 14Page - STMicroelectronics STG3689 Datasheet HTML 15Page - STMicroelectronics STG3689 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package mechanical data
STG3689
14/16
Table 8.
DFN10L (2.5mm x 1.3mm) Mechanical data
Dim.
mm.
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.55
0.60
19.7
21.7
23.6
A1
0
0.02
0.05
0
0.8
2.0
b
0.18
0.23
0.30
7.1
9.1
11.8
D
2.40
2.50
2.60
94.5
98.4
102.4
E
1.30
1.40
1.50
51.2
55.1
59.1
e
0.50
19.7
K
0.20
7.9
L
0.45
0.50
0.55
17.7
19.7
21.6
L1
0.15
5.9
Figure 12. Package dimensions
7771991A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com