Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG6384 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG6384
Description  High isolation dual SPST analog switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG6384 Datasheet(HTML) 1 Page - STMicroelectronics

  STG6384 Datasheet HTML 1Page - STMicroelectronics STG6384 Datasheet HTML 2Page - STMicroelectronics STG6384 Datasheet HTML 3Page - STMicroelectronics STG6384 Datasheet HTML 4Page - STMicroelectronics STG6384 Datasheet HTML 5Page - STMicroelectronics STG6384 Datasheet HTML 6Page - STMicroelectronics STG6384 Datasheet HTML 7Page - STMicroelectronics STG6384 Datasheet HTML 8Page - STMicroelectronics STG6384 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
January 2008
Rev 1
1/21
21
STG6384
High isolation dual SPST analog switch
Features
Ultra high off-isolation:
-80 dB (typ) at 1 Mhz
Ultra low power dissipation:
ICC = 0.2 μA (max.) at TA = 85 °C
RPEAK = 1.30 Ω max (TA = 25 °C)
at VCC = 4.3 V
Wide operating voltage range:
VCC (opr) = 1.65 to 4.3 V single supply
4.3 V tolerant and 1.8 V compatible threshold
on digital control input at VCC = 1.65 to 4.3 V
Typical bandwidth (-3 dB) at 65 MHz on Sn
channel
Latch-up performance exceeds 100 mA per
JESD 78, Class II
ESD performance exceeds JESD22
2000-V Human body model (A114-A)
Description
The STG6384 is a high-speed CMOS low voltage
dual analog SPST (single pole single throw)
switch fabricated in silicon gate C2MOS
technology.
The STG6384 is designed to operate from 1.65 to
4.3 V, making this device ideal for portable
applications.
The SELn inputs are provided to control the
switch operation. The switch Sn is “on”
(connected to common ports Dn) when the SELn
input is held high and “off” (high impedance state
exists between the two ports) when SELn is held
low.
Additional key features are fast switching speed
and ultra low power consumption. All inputs and
outputs are equipped with protection circuits
against static discharge, giving them ESD
immunity and transient excess voltage.
QFN10L (1.8 x 1.4 mm)
Table 1.
Device summary
Order code
Package
Packaging
STG6384QTR
QFN10L (1.8 x 1.4 mm)
Tape and reel
www.st.com


Similar Part No. - STG6384

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG60H65FBD7 STMICROELECTRONICS-STG60H65FBD7 Datasheet
428Kb / 10P
Trench gate field-stop 650 V, 60 A high-speed HB series IGBT die in D7 packing
06-Jul-2023
STG6684 STMICROELECTRONICS-STG6684 Datasheet
409Kb / 24P
High isolation dual SPDT analog switch
09-Jan-2008
STG6684QTR STMICROELECTRONICS-STG6684QTR Datasheet
409Kb / 24P
High isolation dual SPDT analog switch
09-Jan-2008
More results

Similar Description - STG6384

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
Dual SPST CMOS Analog Switch
January 30, 2006
logo
STMicroelectronics
STG6684 STMICROELECTRONICS-STG6684 Datasheet
409Kb / 24P
High isolation dual SPDT analog switch
09-Jan-2008
logo
Intersil Corporation
ISL54066 INTERSIL-ISL54066 Datasheet
389Kb / 14P
1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
February 25, 2009
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
0.9 Dual SPST Analog Switch
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
DUAL SPST ANALOG SWITCH
logo
TriQuint Semiconductor
TQP4M0013 TRIQUINT-TQP4M0013_15 Datasheet
471Kb / 6P
High Isolation Absorptive SPST Switch
logo
M/A-COM Technology Solu...
MASW-008177 MA-COM-MASW-008177_15 Datasheet
560Kb / 5P
SPST High Isolation CATV Switch
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com