Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP04CM05B1R Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP04CM05B1R
Description  4-bit constant current power-LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM05B1R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP04CM05B1R Datasheet HTML 4Page - STMicroelectronics STP04CM05B1R Datasheet HTML 5Page - STMicroelectronics STP04CM05B1R Datasheet HTML 6Page - STMicroelectronics STP04CM05B1R Datasheet HTML 7Page - STMicroelectronics STP04CM05B1R Datasheet HTML 8Page - STMicroelectronics STP04CM05B1R Datasheet HTML 9Page - STMicroelectronics STP04CM05B1R Datasheet HTML 10Page - STMicroelectronics STP04CM05B1R Datasheet HTML 11Page - STMicroelectronics STP04CM05B1R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics
STP04CM05
8/24
Table 8.
Switching characteristics
(VDD = 3.3 to 5 V, T = 25 °C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tPLH1
Propagation delay time,
CLK-OUTn, LE = H, /OE = L
RL = 5.0 Ω
CL = 10 pF
IO = 350 mA
Rext = 224 Ω
VL = 3.0 V
VDD = 3.3 V
82
130
ns
VDD = 5 V
45
61
tPLH2
Propagation delay time,
LE-OUTn, /OE = L
VDD = 3.3 V
81
135
ns
VDD = 5 V
43
62
tPLH3
Propagation delay time,
/OE-OUTn, LE = H
VDD = 3.3 V
147
250
ns
VDD = 5 V
50
76
tPLH
Propagation delay time,
CLK-SDO
VDD = 3.3 V
8
12
ns
VDD = 5 V
6
8
tPHL1
Propagation delay time,
CLK-OUTn, LE = H,
/OE = L
VDD = 3.3 V
29
42
ns
VDD = 5 V
23
32
tPHL2
Propagation delay time,
LE-OUTn, /OE = L
VDD = 3.3 V
33
60
ns
VDD = 5 V
31
47
tPHL3
Propagation delay time,
/OE-OUTn, LE = H
VDD = 3.3 V
16
22
ns
VDD = 5 V
12
16
tPHL
Propagation delay time,
CLK-SDO
VDD = 3.3 V
9
13
ns
VDD = 5 V
6.5
9
tON
Output rise time
10~90% of voltage
waveform
VDD = 3.3 V
85
135
ns
VDD = 5 V
50
76
tOFF
Output fall time
90~10% of voltage
waveform
VDD = 3.3 V
6.5
9
ns
VDD = 5 V
5
7
tr
CLK rise time (1)
VO = 5.0 V
Rext = 224 Ω
5000
ns
tf
CLK fall time (1)
5000
ns
1.
In order to achieve high cascade data transfer, please consider tr/tf timings carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com