Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP24DP05 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STP24DP05
Description  24-bit constant current LED sink driver with output error detection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24DP05 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STP24DP05 Datasheet HTML 14Page - STMicroelectronics STP24DP05 Datasheet HTML 15Page - STMicroelectronics STP24DP05 Datasheet HTML 16Page - STMicroelectronics STP24DP05 Datasheet HTML 17Page - STMicroelectronics STP24DP05 Datasheet HTML 18Page - STMicroelectronics STP24DP05 Datasheet HTML 19Page - STMicroelectronics STP24DP05 Datasheet HTML 20Page - STMicroelectronics STP24DP05 Datasheet HTML 21Page - STMicroelectronics STP24DP05 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Feature description
STP24DP05
18/26
7.5
Phase three: “resuming to normal mode”
In order to re-enter in normal mode either the LE\DML pin or the sequence showed in the
following table and diagram can be used:
Note:
For proper device operation the "entering in detection" sequence must be followed by a
"resume mode" sequence, it is not possible to insert consecutive equal sequence.
7.6
Shift registers data flow control
The 8x3 shift registers have a default RGB sequence serial data flow as showed on block
diagram Figure 2.
The data can be redirected by DF0 and DF1 pins, these pins change the order of the data
flow according to the following table:
Table 13.
SPI sequence to resume in normal mode - truth table
CLK
1°2°3°4°
OE-R/DM
H
L
HHH
LE/DM
LLLL
L
Table 14.
Shifter register data flow control
Sequence
DF0
DF1
BGR
1
1
BGR
0
1
RGB
1
0
GBR
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com