Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPIC6C595 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPIC6C595
Description  Power logic 8-bit shift register
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPIC6C595 Datasheet(HTML) 5 Page - STMicroelectronics

  STPIC6C595 Datasheet HTML 1Page - STMicroelectronics STPIC6C595 Datasheet HTML 2Page - STMicroelectronics STPIC6C595 Datasheet HTML 3Page - STMicroelectronics STPIC6C595 Datasheet HTML 4Page - STMicroelectronics STPIC6C595 Datasheet HTML 5Page - STMicroelectronics STPIC6C595 Datasheet HTML 6Page - STMicroelectronics STPIC6C595 Datasheet HTML 7Page - STMicroelectronics STPIC6C595 Datasheet HTML 8Page - STMicroelectronics STPIC6C595 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
STPIC6C595
Maximum rating
5/22
2.2
Thermal data
2.3
Recommended operating conditions
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rth(JA)
Thermal resistance junction-ambient
115
°C/W
Table 4. Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Logic supply voltage
4.5
5.5
V
VIH
High level input voltage
0.85VCC
VCC
V
VIL
Low level input voltage
0
0.15VCC
V
IDP
Pulse drain output current
(TC = 25 °C, VCC = 5 V, all outputs ON)
(see Note 3, Note 5 and Figure 15)
250
mA
tsu
Set-up time, SER IN high before SRCK
(see Figure 4 and Figure 8)
1.6
3.0
5.7
ns
thL
Hold time, SER IN high before G
(see Figure 4, Figure 7, Figure 8)
2.8
4.0
9.6
ns
tW
Pulse duration (see Figure 8)40
ns
TC
Operating case temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com