Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPIC6C595TTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPIC6C595TTR
Description  Power logic 8-bit shift register
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPIC6C595TTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPIC6C595TTR Datasheet HTML 6Page - STMicroelectronics STPIC6C595TTR Datasheet HTML 7Page - STMicroelectronics STPIC6C595TTR Datasheet HTML 8Page - STMicroelectronics STPIC6C595TTR Datasheet HTML 9Page - STMicroelectronics STPIC6C595TTR Datasheet HTML 10Page - STMicroelectronics STPIC6C595TTR Datasheet HTML 11Page - STMicroelectronics STPIC6C595TTR Datasheet HTML 12Page - STMicroelectronics STPIC6C595TTR Datasheet HTML 13Page - STMicroelectronics STPIC6C595TTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Typical operating circuit
STPIC6C595
10/22
Figure 6.
Typical operation mode test circuits
Figure 7.
Switching time waveform
Figure 8.
Input setup and hold waveform
Note:
1
A) The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, tW = 300 ns,
pulse repetition rate (PRR) = 5 kHz, ZO = 50 Ω
2B) CL includes probe and jig capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com