Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB62 Datasheet(PDF) 1 Page - STMicroelectronics

Part # USB62
Description  Data line protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USB62 Datasheet(HTML) 1 Page - STMicroelectronics

  USB62 Datasheet HTML 1Page - STMicroelectronics USB62 Datasheet HTML 2Page - STMicroelectronics USB62 Datasheet HTML 3Page - STMicroelectronics USB62 Datasheet HTML 4Page - STMicroelectronics USB62 Datasheet HTML 5Page - STMicroelectronics USB62 Datasheet HTML 6Page - STMicroelectronics USB62 Datasheet HTML 7Page - STMicroelectronics USB62 Datasheet HTML 8Page - STMicroelectronics USB62 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August 2006
Rev 10
1/9
9
USB6B1
Data line protection
Applications
Where transient overvoltage protection in
sensitive equipment is required, such as:
Universal Serial Bus ports
RS-423 interfaces
RS-485 interfaces
ISDN equipment
T1/E1 line cards
HDSL / ASDL interfaces
Features
Full diode bridge with integrated clamping
protection
Breakdown voltage: VBR = 6 V min.
Peak pulse power dissipation: PPP = 500 W
(8/20 µs)
Very low capacitance, compatible with high
debit data or signal rates.
Description
In order to prevent fast transients from leading to
severe damages in a high speed data system, a
specific protection has been developed by
STMicroelectronics.
The USB6B1 protects the two input lines against
overvoltage. Besides, this device also keeps the
power rails in a safe limit thanks to the integrated
Transil diode.
Benefits
Provides protection for each line and between
the supply voltage and GND: 25 A, 8/20 µs.
High ESD protection level: up to level 3 per MIL
STD 883C-Method 3015-6
Separated inputs and outputs (so-called 4-point
structure) to improve ESD susceptibility.
Comprehensive package pin-out for immediate
implementation.
Order Codes
Functional diagram
Complies with the following standards:
Part Numbers
Marking
USB6B1
USB62
USB6B1RL
USB62
MIL STD 883C - Method 3015-6
class 3
C = 100 pF
R = 1500
3 positive strikes and 3 negative strikes (F = 1 Hz)
IEC 61000-4-2 level 4
15 kV (air discharge)
8 kV (contact discharge)
SO-8
VCC
VCC
I/O1
I/O1
I/O2
I/O2
GND
GND
www.st.com


Similar Part No. - USB62

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB6B MICROSEMI-USB6B Datasheet
69Kb / 2P
TVSarray Series
logo
STMicroelectronics
USB6B1 STMICROELECTRONICS-USB6B1 Datasheet
100Kb / 9P
DATA LINES PROTECTION
Aug-1999
logo
Microsemi Corporation
USB6B1 MICROSEMI-USB6B1 Datasheet
69Kb / 2P
TVSarray Series
logo
STMicroelectronics
USB6B1RL STMICROELECTRONICS-USB6B1RL Datasheet
100Kb / 9P
DATA LINES PROTECTION
Aug-1999
USB6B2 STMICROELECTRONICS-USB6B2 Datasheet
100Kb / 9P
DATA LINES PROTECTION
Aug-1999
More results

Similar Description - USB62

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITA6V5C1 STMICROELECTRONICS-ITA6V5C1 Datasheet
58Kb / 5P
MONOLITHICTRANSIL ARRAY FOR DATA LINE PROTECTION
Apr-1998
logo
ON Semiconductor
NUP6101DMR2 ONSEMI-NUP6101DMR2 Datasheet
55Kb / 4P
Unidirectional TVS Array for High-Speed Data Line Protection
March, 2004 ??Rev. 1
logo
STMicroelectronics
ITAXXB1 STMICROELECTRONICS-ITAXXB1_07 Datasheet
88Kb / 7P
Bidirectional Transil??array for data line protection
15-Nov-2007
ITAXXB3 STMICROELECTRONICS-ITAXXB3 Datasheet
112Kb / 8P
Bidirectional Transil array for data line protection
07-Nov-2007
ITAXXU1 STMICROELECTRONICS-ITAXXU1_07 Datasheet
90Kb / 8P
Transil array for data line protection
07-Nov-2007
logo
ON Semiconductor
ESDR0502N ONSEMI-ESDR0502N Datasheet
160Kb / 5P
Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
November, 2009 ??Rev. 0
ESDR0502NMUTAG ONSEMI-ESDR0502NMUTAG Datasheet
126Kb / 5P
Ultra Low Capacitance ESD Protection Array for High Speed Data Line Protection
March, 2012 ??Rev. 4
NUP4107UPMU ONSEMI-NUP4107UPMU Datasheet
94Kb / 3P
High Speed Data Line Protection
November, 2008 ??Rev. P0
logo
Texas Instruments
ESDS312 TI1-ESDS312 Datasheet
548Kb / 17P
Data-Line Surge and ESD Protection Diode Array
ESDS312 TI1-ESDS312_18 Datasheet
1Mb / 21P
Data-Line Surge and ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com