Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4072M1R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4072M1R
Description  DUAL 4-INPUT OR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4072M1R Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4072M1R Datasheet HTML 1Page - STMicroelectronics M74HC4072M1R Datasheet HTML 2Page - STMicroelectronics M74HC4072M1R Datasheet HTML 3Page - STMicroelectronics M74HC4072M1R Datasheet HTML 4Page - STMicroelectronics M74HC4072M1R Datasheet HTML 5Page - STMicroelectronics M74HC4072M1R Datasheet HTML 6Page - STMicroelectronics M74HC4072M1R Datasheet HTML 7Page - STMicroelectronics M74HC4072M1R Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
August 2001
s
HIGH SPEED:
tPD = 10ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4072
DESCRIPTION
The M74HC4072 is an high speed CMOS DUAL
4-INPUT OR GATE fabricated with silicon gate
C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC4072
DUAL 4-INPUT OR GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4072B1R
SOP
M74HC4072M1R
M74HC4072RM13TR
TSSOP
M74HC4072TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC4072M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4072M1R STMICROELECTRONICS-M74HC4072M1R Datasheet
232Kb / 9P
DUAL 4 INPUT OR GATE
Oct-1992
More results

Similar Description - M74HC4072M1R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10109 ONSEMI-MC10109 Datasheet
100Kb / 5P
Dual 4-5-Input OR/NOR Gate
1996 REV 5
MC10H209 ONSEMI-MC10H209 Datasheet
95Kb / 3P
Dual 4-5- Input OR/NOR Gate
1996 REV 5
logo
NXP Semiconductors
HEF4072B PHILIPS-HEF4072B Datasheet
26Kb / 3P
Dual 4-input OR gate
January 1995
logo
STMicroelectronics
M54HC4072 STMICROELECTRONICS-M54HC4072 Datasheet
232Kb / 9P
DUAL 4 INPUT OR GATE
Oct-1992
logo
Toshiba Semiconductor
TC74HC4072AP TOSHIBA-TC74HC4072AP Datasheet
177Kb / 4P
DUAL 4-INPUT OR GATE
logo
Hitachi Semiconductor
HD14072B HITACHI-HD14072B Datasheet
50Kb / 4P
Dual 4-input OR Gate
logo
STMicroelectronics
HCF4072B STMICROELECTRONICS-HCF4072B Datasheet
144Kb / 7P
DUAL 4 INPUT OR GATE
2001-Sep
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
Dual 5-4 Input OR/NOR Gate
logo
Motorola, Inc
MC1688 MOTOROLA-MC1688 Datasheet
500Kb / 7P
DUAL 4-5-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10109 ONSEMI-MC10109_02 Datasheet
107Kb / 8P
Dual 4-5-Input OR/NOR Gate
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com