Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4518 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC4518
Description  DUAL DECADE COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4518 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC4518 Datasheet HTML 1Page - STMicroelectronics M74HC4518 Datasheet HTML 2Page - STMicroelectronics M74HC4518 Datasheet HTML 3Page - STMicroelectronics M74HC4518 Datasheet HTML 4Page - STMicroelectronics M74HC4518 Datasheet HTML 5Page - STMicroelectronics M74HC4518 Datasheet HTML 6Page - STMicroelectronics M74HC4518 Datasheet HTML 7Page - STMicroelectronics M74HC4518 Datasheet HTML 8Page - STMicroelectronics M74HC4518 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC4518
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Z : High Impedance
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1, 9
1CLOCK,
2CLOCK
Clock Inputs (LOW to
HIGH, Edge-Triggered)
2, 10
1ENABLE,
2ENABLE
Clock Enable Inputs
3, 4, 5, 6
1Q0 to 1Q3
Data Outputs
7, 15
1CLEAR,
2CLEAR
Asynchronous Reset
Inputs (Active LOW)
11, 12, 13,
14
2Q0 tO 2Q3 Data Outputs
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
INPUTS
FUNCTION
CLOCK
ENABLE
CLEAR
H
L
INCREMENT COUNTER
L
L
INCREMENT COUNTER
X
L
NO CHANGE
X
L
NO CHANGE
L
L
NO CHANGE
H
L
NO CHANGE
X
X
H
Q0 THRU Q3=L



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com