Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUGR81M Datasheet(PDF) 1 Page - SunLED Corporation

Part # LUGR81M
Description  8mm BI-COLOR INDICATOR LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUGR81M Datasheet(HTML) 1 Page - SunLED Corporation

  LUGR81M Datasheet HTML 1Page - SunLED Corporation LUGR81M Datasheet HTML 2Page - SunLED Corporation LUGR81M Datasheet HTML 3Page - SunLED Corporation LUGR81M Datasheet HTML 4Page - SunLED Corporation LUGR81M Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : MAR 19, 2008
Drawing No : SDSA3167
V5
Checked : B.L.LIU
P.1/5
Part Number:
LUGR81M
8mm BI-COLOR INDICATOR LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LUGR81M
Red
GaAsP/GaP
White Diffused
36
79
627
Green
GaP
18
49
565
50°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
Features
UNIFORM LIGHT OUTPUT.
LOW POWER CONSUMPTION.
MILKY WHITE DIFFUSION LENS.
3 LEADS WITH ONE COMMON LEAD.
I.C. COMPATIBLE.
LONG LIFE - SOLID STATE RELIABILITY.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP/
GaP)
UG
(GaP)
Unit
Forward Current
IF
30
25
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
140
mA
Power Dissipation
PT
75
62.5
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
Reverse Voltage
VR
5
5
V
Operating Characteristics
(TA=25°C)
UR
(GaAsP/
GaP)
UG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.0
2.2
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
2.5
V
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
627
565
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
625
568
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
45
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
15
pF
Reverse Current (Max.)
(VR=5V)
IR
10
10
uA


Similar Part No. - LUGR81M

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LUGR02M SUNLED-LUGR02M Datasheet
201Kb / 5P
10mm ROUND LED LAMP
LUGR29M SUNLED-LUGR29M Datasheet
215Kb / 5P
T-1(3mm) BI-COLOR INDICATOR LAMP
LUGR34M SUNLED-LUGR34M Datasheet
210Kb / 5P
T-1(3mm) BI-COLOR INDICATOR LAMP
LUGR37M SUNLED-LUGR37M Datasheet
210Kb / 5P
T-1 (3mm) BI-COLOR INDICATOR LAMP
LUGR58M SUNLED-LUGR58M Datasheet
204Kb / 5P
T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
More results

Similar Description - LUGR81M

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L799 KINGBRIGHT-L799 Datasheet
125Kb / 4P
8mm BI-COLOR INDICATOR LAMPS
logo
List of Unclassifed Man...
XLUGR29M ETC1-XLUGR29M Datasheet
227Kb / 4P
BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP119SURKMGKWT KINGBRIGHT-WP119SURKMGKWT Datasheet
109Kb / 4P
2x5mm BI-COLOR INDICATOR LAMP
WP119SURKMGKWT KINGBRIGHT-WP119SURKMGKWT Datasheet
451Kb / 7P
2x5mm BI-COLOR INDICATOR LAMP
WP799EGW KINGBRIGHT-WP799EGW Datasheet
462Kb / 7P
8mm BI-COLOR INDICATOR LAMP
WP799SRSGW-CC KINGBRIGHT-WP799SRSGW-CC Datasheet
462Kb / 7P
8mm BI-COLOR INDICATOR LAMP
WP799SURKMGKW KINGBRIGHT-WP799SURKMGKW Datasheet
455Kb / 7P
8mm BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LMRMG81MCC SUNLED-LMRMG81MCC Datasheet
206Kb / 5P
8mm BI-COLOR INDICATOR LAMP
LUGY81M SUNLED-LUGY81M Datasheet
203Kb / 5P
8mm BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP119EGWT KINGBRIGHT-WP119EGWT_15 Datasheet
342Kb / 7P
2x5mm BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com