Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC688M1R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC688M1R
Description  8 BIT EQUALITY COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC688M1R Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC688M1R Datasheet HTML 1Page - STMicroelectronics M74HC688M1R Datasheet HTML 2Page - STMicroelectronics M74HC688M1R Datasheet HTML 3Page - STMicroelectronics M74HC688M1R Datasheet HTML 4Page - STMicroelectronics M74HC688M1R Datasheet HTML 5Page - STMicroelectronics M74HC688M1R Datasheet HTML 6Page - STMicroelectronics M74HC688M1R Datasheet HTML 7Page - STMicroelectronics M74HC688M1R Datasheet HTML 8Page - STMicroelectronics M74HC688M1R Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
July 2001
s
HIGH SPEED:
tPD = 17ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 688
DESCRIPTION
The M74HC688 is an high speed CMOS 8 BIT
EQUALITY COMPARATOR fabricated with silicon
gate C2MOS technology.
The M74HC688 compares bit for bit two 8-bit
words applied on inputs P0 - P7 and inputs Q0 -
Q7 and indicates whether or not they are equal. A
single active low enable is provided to facilitate
cascading
several
packages
to
enable
comparison of words greater than 8 bits.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC688
8 BIT EQUALITY COMPARATOR
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC688B1R
SOP
M74HC688M1R
M74HC688RM13TR
TSSOP
M74HC688TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC688M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC688M1R STMICROELECTRONICS-M74HC688M1R Datasheet
243Kb / 10P
8 BIT EQUALITY COMPARATOR
Oct-1992
More results

Similar Description - M74HC688M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688 Datasheet
243Kb / 10P
8 BIT EQUALITY COMPARATOR
Oct-1992
M54HCT688 STMICROELECTRONICS-M54HCT688 Datasheet
242Kb / 10P
8 BIT EQUALITY COMPARATOR
Feb-1993
logo
Toshiba Semiconductor
TC74HC688AP TOSHIBA-TC74HC688AP Datasheet
207Kb / 5P
8BIT EQUALITY COMPARATOR
TC74HCT688AP TOSHIBA-TC74HCT688AP Datasheet
205Kb / 5P
8-BIT EQUALITY COMPARATOR
logo
Fairchild Semiconductor
MM74HC688 FAIRCHILD-MM74HC688 Datasheet
99Kb / 7P
8-Bit Magnitude Comparator (Equality Detector)
logo
Toshiba Semiconductor
TC74AC521P TOSHIBA-TC74AC521P Datasheet
267Kb / 7P
8-BIT EQUALITY COMPARATOR
logo
National Semiconductor ...
MM54HCT688 NSC-MM54HCT688 Datasheet
109Kb / 4P
8-Bit Magnitude Comparator (Equality Detector)
logo
Toshiba Semiconductor
TC74ACT521P TOSHIBA-TC74ACT521P Datasheet
281Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
TC74HCT688AP TOSHIBA-TC74HCT688AP_07 Datasheet
288Kb / 7P
8-Bit Equality Comparator
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688_04 Datasheet
300Kb / 10P
RAD-HARD 8 BIT EQUALITY COMPARATOR
01-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com