Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT158 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT158
Description  QUAD 2 CHANNEL MULTIPLEXER (INV.)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT158 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT158 Datasheet HTML 1Page - STMicroelectronics M74HCT158 Datasheet HTML 2Page - STMicroelectronics M74HCT158 Datasheet HTML 3Page - STMicroelectronics M74HCT158 Datasheet HTML 4Page - STMicroelectronics M74HCT158 Datasheet HTML 5Page - STMicroelectronics M74HCT158 Datasheet HTML 6Page - STMicroelectronics M74HCT158 Datasheet HTML 7Page - STMicroelectronics M74HCT158 Datasheet HTML 8Page - STMicroelectronics M74HCT158 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
September 2001
s
HIGH SPEED:
tPD = 16ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS :
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 158
DESCRIPTION
The M74HCT158 is an high speed CMOS QUAD
2
CHANNEL MULTIPLEXER fabricated with
silicon gate C2MOS technology.
This device consists
of four 2-input digital
multiplexer with common select and strobe inputs.
The M74HCT158 is an inverting multiplexer.
When the STROBE(ST) input is held high,
selection of data is inhibited and all the outputs
become high. The SELECT decoding determines
whether the A or B inputs get routed to their
corresponding Y outputs.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT158
QUAD 2 CHANNEL MULTIPLEXER (INV.)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT158B1R
SOP
M74HCT158M1R
M74HCT158RM13TR
TSSOP
M74HCT158TTR
TSSOP
DIP
SOP


Similar Part No. - M74HCT158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT158 STMICROELECTRONICS-M74HCT158 Datasheet
250Kb / 11P
HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
Apr-1993
More results

Similar Description - M74HCT158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74AC158 STMICROELECTRONICS-74AC158 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER INV.
May-1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT158 STMICROELECTRONICS-74ACT158 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER INV.
May-1997
M54HC157 STMICROELECTRONICS-M54HC157 Datasheet
251Kb / 11P
HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
Feb-1993
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HCT157 STMICROELECTRONICS-M74HCT157 Datasheet
250Kb / 11P
HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
Apr-1993
74ACT158 STMICROELECTRONICS-74ACT158_01 Datasheet
227Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER (INV.)
Apr-2001
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
30-Apr-2004
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com