Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1645-10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM1645-10
Description  RF POWER MODULES SATELLITE COMMUNICATIONS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1645-10 Datasheet(HTML) 1 Page - STMicroelectronics

  STM1645-10 Datasheet HTML 1Page - STMicroelectronics STM1645-10 Datasheet HTML 2Page - STMicroelectronics STM1645-10 Datasheet HTML 3Page - STMicroelectronics STM1645-10 Datasheet HTML 4Page - STMicroelectronics STM1645-10 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CASE STYLE H150
April 4, 1996
RF POWER MODULES
SATELLITE COMMUNICATIONS APPLICATIONS
.
SATELLITE COMMUNICATIONS
AMPLIFIER
.
1625 - 1665 MHz
.
18/28 VOLTS
.
INPUT/OUTPUT 50 OHMS
.
POUT
= 10 W MIN.
.
GAIN
= 30 dB MIN.
DESCRIPTION
The STM1645-10 module is designed for high
power satellite communication applications in
the 1.6 GHz frequency range operating at 28
Volts.
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Un it
VC1
DC Supply Voltage
20
Vdc
VC2
DC Supply Voltage
32
Vdc
PIN
RF Input Power
20
mW
POUT
RF Output Power
16
W
TSTG
Sto rage Temperature
− 40 to +100
°C
TC
Operating Case Temperature
− 35 to +70
°C
STM1645-10
1. RF Input
2. VC1, 18V
3. VC2, 28V
4. RF Output
ORDER CODE
STM1645-10
BRANDING
STM1645-10
PRELIMINARY DATA
1/5


Similar Part No. - STM1645-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1645-30 STMICROELECTRONICS-STM1645-30 Datasheet
43Kb / 6P
RF POWER MODULE SATELLITE COMMUNICATION APPLICATIONS
More results

Similar Description - STM1645-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1517-012 STMICROELECTRONICS-AM1517-012 Datasheet
87Kb / 6P
SATELLITE COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1517-025 STMICROELECTRONICS-AM1517-025 Datasheet
84Kb / 8P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
May-2000
SD1894 STMICROELECTRONICS-SD1894 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
04-Feb-1997
SD1899 STMICROELECTRONICS-SD1899 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
06-Jan-1997
logo
Z-Communications, Inc
PSN0930A-LF ZCOMM-PSN0930A-LF Datasheet
74Kb / 2P
Satellite Communications
PSN1810A-LF ZCOMM-PSN1810A-LF Datasheet
57Kb / 2P
Satellite Communications
logo
Hittite Microwave Corpo...
HMC1056LP4BE HITTITE-HMC1056LP4BE Datasheet
973Kb / 16P
Satellite Communications
HMC1063LP3E HITTITE-HMC1063LP3E Datasheet
791Kb / 14P
Satellite Communications
HMC1065LP4E HITTITE-HMC1065LP4E Datasheet
949Kb / 14P
Satellite Communications
logo
Analog Devices
ADL5724 AD-ADL5724 Datasheet
431Kb / 13P
Satellite communications
Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com