Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT373 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HCT373
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT373 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HCT373 Datasheet HTML 1Page - STMicroelectronics M74HCT373 Datasheet HTML 2Page - STMicroelectronics M74HCT373 Datasheet HTML 3Page - STMicroelectronics M74HCT373 Datasheet HTML 4Page - STMicroelectronics M74HCT373 Datasheet HTML 5Page - STMicroelectronics M74HCT373 Datasheet HTML 6Page - STMicroelectronics M74HCT373 Datasheet HTML 7Page - STMicroelectronics M74HCT373 Datasheet HTML 8Page - STMicroelectronics M74HCT373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M74HCT373
5/11
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per Flip
Flop) and the CPD when n pcs of Flip Flop operate, can be gained by the following equation: CPD(TOTAL) = 32 + 34 x n (pF)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
4.5
50
7
12
15
18
ns
tPLH tPHL Propagation Delay
Time
(LE - Q)
4.5
50
20
30
38
45
ns
150
24
37
46
56
tPLH tPHL Propagation Delay
Time
(D - Q)
4.5
50
19
30
38
45
ns
150
23
36
45
54
tPZL tPZH High Impedance
Output Enable
Time
4.5
50
RL = 1 KΩ
20
30
38
45
ns
150
24
37
46
56
tPLZ tPHZ High Impedance
Output Disable
Time
4.5
50
RL = 1 KΩ
20
30
38
45
ns
tW(H)
Minimum Pulse
Width (LE)
4.5
50
8
15
19
22
ns
ts
Minimum Set-up
Time
4.5
50
4
10
13
15
ns
th
Minimum Hold
Time
4.5
50
5
5
8
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
66
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com