Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1G3234B Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1G3234B
Description  1-bit dual supply bus buffer level translator with A-side series resistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3234B Datasheet(HTML) 3 Page - STMicroelectronics

  ST1G3234B Datasheet HTML 1Page - STMicroelectronics ST1G3234B Datasheet HTML 2Page - STMicroelectronics ST1G3234B Datasheet HTML 3Page - STMicroelectronics ST1G3234B Datasheet HTML 4Page - STMicroelectronics ST1G3234B Datasheet HTML 5Page - STMicroelectronics ST1G3234B Datasheet HTML 6Page - STMicroelectronics ST1G3234B Datasheet HTML 7Page - STMicroelectronics ST1G3234B Datasheet HTML 8Page - STMicroelectronics ST1G3234B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ST1G3234B
Pin settings
3/17
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top through view)
1.2
Pin description
Table 2.
Pin description
Pin number
Symbol
Name and function
A1
A1
Data output (VCCA referred)
C1
B1
Data input (VCCB referred)
B2
GND
Ground (0V)
A3
VCCA
Positive supply voltage
C3
VCCB
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com