Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1G3236 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1G3236
Description  1-bit dual supply bus transceiver level translator with A-side series resistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3236 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1G3236 Datasheet HTML 4Page - STMicroelectronics ST1G3236 Datasheet HTML 5Page - STMicroelectronics ST1G3236 Datasheet HTML 6Page - STMicroelectronics ST1G3236 Datasheet HTML 7Page - STMicroelectronics ST1G3236 Datasheet HTML 8Page - STMicroelectronics ST1G3236 Datasheet HTML 9Page - STMicroelectronics ST1G3236 Datasheet HTML 10Page - STMicroelectronics ST1G3236 Datasheet HTML 11Page - STMicroelectronics ST1G3236 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
ST1G3236
8/19
IOFF
Power OFF
leakage
current
00
VIA=GND
to 3.6V
VIB=GND
to 3.6V
DIR=GND
to 3.6V
± 1.0
± 10
μA
ICCtA
Quiescent
supply
current
1.2V
1.2 to
3.6V
VIA=VCCA
or GND
VIB=VCCB
or GND
DIR =A to
B
0.5
5
μA
1.2 to
3.6V
3.6
ΔICCtA
Maximum
quiescent
supply
current/input
2.7V
3.3V
VIA =VCCA
to 0.6V
VIB =VCCB
or GND
0.75
μA
1.8
3.3
1.8
2.7
Table 6.
DC specification for VCCB
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min
Max
Min
Max
VIHB
High level
input voltage
(A1)
1.2
VCCB
to
3.6V
0.65
VCCB
0.65
VCCB
V
1.8
1.2
1.2
2.5
1.6
1.6
3.3
2
2
VILB
Low level input
voltage
(B1, DIR)
1.2
VCCB
to
3.6V
0.35
VCCB
0.35
VCCB
V
1.8
0.6
0.6
2.5
0.7
0.7
3.3
1.0
1.0
Table 5.
DC specification for VCCA (continued)
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com