Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST4G3235 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST4G3235
Description  4-bit dual supply bus buffer level translator with a side series resistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST4G3235_07 Datasheet HTML 3Page - STMicroelectronics ST4G3235_07 Datasheet HTML 4Page - STMicroelectronics ST4G3235_07 Datasheet HTML 5Page - STMicroelectronics ST4G3235_07 Datasheet HTML 6Page - STMicroelectronics ST4G3235_07 Datasheet HTML 7Page - STMicroelectronics ST4G3235_07 Datasheet HTML 8Page - STMicroelectronics ST4G3235_07 Datasheet HTML 9Page - STMicroelectronics ST4G3235_07 Datasheet HTML 10Page - STMicroelectronics ST4G3235_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ST4G3235
Electrical characteristics
7/21
4
Electrical characteristics
Table 6. DC Specification for VCCA
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)(1)
VCCA
(V)(1)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VIHA
High level
input voltage
(A3-A4)
1.4 to
3.6V
1.4
0.65VCCA
0.65VCCA
V
1.8
0.65VCCA
0.65VCCA
2.5
1.6
1.6
3.3
2.0
2.0
VILA
Low level
input voltage
(A3-A4)
1.4 to
3.6V
1.4
0.35VCCA
0.35VCCA
V
1.8
0.35VCCA
0.35VCCA
2.5
0.7
0.7
3.3
0.8
0.8
VOHA
High level
output voltage
(A1-A2)
1.4 to
3.6V
1.4
IO=-100µA
1.2
1.2
V
2.75
IO=-0.4mA
2.5
2.5
2.75
IO=-10mA
2.2
2.2
2.3
IO=-6mA
1.8
1.8
1.65
IO=-2mA
1.4
1.4
1.4
IO=-1mA
1.1
1.1
VOLA
Low level
output voltage
(A1-A2)
1.4 to
3.6V
1.4
IO=100µA
0.20
0.20
V
2.75
IO=1mA
0.40
0.40
2.75
IO=10mA
0.55
0.55
2.3
IO=6mA
0.40
0.40
1.65
IO=2mA
0.25
0.25
1.4
IO=1mA
0.20
0.20
IIA
Input leakage
current
(A3-A4)
2.7
3.6
VIA=VCCA
or GND
± 0.5
± 5
µA
1.4
2.7
VIA=3.6V
or GND
± 0.5
± 5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com